Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA2B2X5R1H331M050BA Datasheet(PDF) 1 Page - TDK Electronics

Part # CGA2B2X5R1H331M050BA
Description  Multilayer Ceramic Chip Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2B2X5R1H331M050BA Datasheet(HTML) 1 Page - TDK Electronics

  CGA2B2X5R1H331M050BA Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Equivalent C1005X5R1H331M for Automotive
Automotive Grade ( General (Up to 50V) )
CGA2(1005) [EIA CC0402]
L
1.00mm +/-0.05mm
W
0.50mm +/-0.05mm
T
0.50mm +/-0.05mm
B
0.10mm Min.
G
0.30mm Min.
X5R (-55 to 85 degC +/-15%)
1H (50Vdc)
330pF
M (+/-20%)
3% Max.
10Gohm Min.
Yes
All specifications are subject to change without notice.
January 4, 2016
CGA2B2X5R1H331M050BA
TDK Item Description : CGA2B2X5R1H331MT****
Cap. vs. Freq. Characteristic
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.1
1
10
100
1000
10000
100000
1000000
10000000
100000000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-12
-10
-8
-6
-4
-2
0
2
4
0
1020
3040
5060
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
1
2
3
4
5
6
7
8
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CGA2B2X5R1H331M050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2X5R1H331M050BA TDK-CGA2B2X5R1H331M050BA Datasheet
878Kb / 23P
MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA2B2X5R1H331M050BA TDK-CGA2B2X5R1H331M050BA_17 Datasheet
235Kb / 3P
Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA2B2X5R1H331M050BA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC NIC-NMC Datasheet
361Kb / 3P
Multilayer Ceramic Chip Capacitors
NMC-H NIC-NMC-H Datasheet
80Kb / 5P
Multilayer Ceramic Chip Capacitors
NMC-M NIC-NMC-M Datasheet
192Kb / 3P
Multilayer Ceramic Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C4532X7R1C226M200KC TDK-C4532X7R1C226M200KC Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106K250KA TDK-C4532X7R1E106K250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106M250KA TDK-C4532X7R1E106M250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1H225K160KA TDK-C4532X7R1H225K160KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A105M230KA TDK-C4532X7R2A105M230KA Datasheet
139Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A155K230KA TDK-C4532X7R2A155K230KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com