Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E006ASP-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN5E006ASP-E
Description  Single channel high-side driver with analog current sense for automotive applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E006ASP-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN5E006ASP-E Datasheet HTML 1Page - STMicroelectronics VN5E006ASP-E Datasheet HTML 2Page - STMicroelectronics VN5E006ASP-E Datasheet HTML 3Page - STMicroelectronics VN5E006ASP-E Datasheet HTML 4Page - STMicroelectronics VN5E006ASP-E Datasheet HTML 5Page - STMicroelectronics VN5E006ASP-E Datasheet HTML 6Page - STMicroelectronics VN5E006ASP-E Datasheet HTML 7Page - STMicroelectronics VN5E006ASP-E Datasheet HTML 8Page - STMicroelectronics VN5E006ASP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
March 2015
DocID17753 Rev 9
1/38
VN5E006ASP-E
Single channel high-side driver with analog current sense
for automotive applications
Datasheet
- production data
Features
• General
– Very low standby current
– 3.0 V CMOS compatible inputs
– Optimized electromagnetic emissions
– Very low electromagnetic susceptibility
– Compliance with European directive
2002/95/EC
– Very low current sense leakage
• Diagnostic functions
– Proportional load current sense
– High current sense precision for wide
currents range
– Diagnostic enable pin
– Off-state open-load detection
– Output short to VCC detection
– Overload and short to ground (power
limitation) indication
– Thermal shutdown indication
• Protection
– Inrush current active management by
power limitation
– Undervoltage shutdown
– Overvoltage clamp
– Load current limitation
– Self limiting of fast thermal transients
– Protection against loss of ground and loss
of VCC
– Overtemperature shutdown with auto
restart (thermal shutdown)
– Reverse battery protected with self switch
of the Power MOSFET
– Electrostatic discharge protection
Applications
• All types of resistive, inductive and capacitive
loads
Description
The VN5E006ASP-E is a single channel high-side
driver manufactured using ST proprietary
VIPower® M0-5 technology and housed in
PowerSO-10 package. The device is designed to
drive 12 V automotive grounded loads delivering
protection, diagnostics. It also implements a 3 V
and 5 V CMOS-compatible interface for use with
any microcontroller.
The device integrates advanced protective
functions such as load current limitation, inrush
and overload active management by power
limitation, overtemperature shut-off with auto-
restart and overvoltage active clamp. A dedicated
analog current sense pin is associated with every
output channel providing enhanced diagnostic
functions including fast detection of overload and
short-circuit to ground through power limitation
indication, over-temperature indication, short-
circuit to VCC diagnosis and on-state and off-state
open-load detection. The current sensing and
diagnostic feedback of the whole device can be
disabled by pulling the DE pin low to share the
external sense resistor with similar devices.
Max transient supply voltage
VCC
41 V
Operating voltage range
VCC 4.5 to 28 V
Max on-state resistance (per ch.)
RON
6 m
Ω
Current limitation (typ)
ILIMH
90 A
Off-state supply current
IS
2 µA(1)
1.
Typical value with all loads connected.
PowerSO-10
www.st.com


Similar Part No. - VN5E006ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E006ASP.E STMICROELECTRONICS-VN5E006ASP.E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - VN5E006ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
Jan-2005
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
Single channel high side driver with analog current sense for automotive applications
13-Sep-2007
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
Single channel high side driver with analog current sense for automotive applications
15-Mar-2008
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
27-May-2010
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
Single channel high side driver with analog current sense for automotive applications
18-Oct-2012
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
10-May-2010
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
18-Sep-2013
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E025MJ-E STMICROELECTRONICS-VN5E025MJ-E Datasheet
699Kb / 34P
Single channel high side driver with analog current sense for automotive applications
October 2013 Rev 2
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com