Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7007ALHTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN7007ALHTR
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007ALHTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN7007ALHTR Datasheet HTML 5Page - STMicroelectronics VN7007ALHTR Datasheet HTML 6Page - STMicroelectronics VN7007ALHTR Datasheet HTML 7Page - STMicroelectronics VN7007ALHTR Datasheet HTML 8Page - STMicroelectronics VN7007ALHTR Datasheet HTML 9Page - STMicroelectronics VN7007ALHTR Datasheet HTML 10Page - STMicroelectronics VN7007ALHTR Datasheet HTML 11Page - STMicroelectronics VN7007ALHTR Datasheet HTML 12Page - STMicroelectronics VN7007ALHTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VN7007ALH
Electrical specification
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
ISTBY
Supply current in standby at
VCC = 13 V (1)
VCC = 13 V;
VIN = VOUT = VFR_DIAG = 0 V;
Tj = 25°C
0.5
µA
VCC = 13 V;
VIN = VOUT = VFR_DIAG = 0 V;
Tj = 85°C (2)
0.5
VCC = 13 V;
VIN = VOUT = VFR_DIAG = 0 V;
Tj = 125°C
3
tD_STBY
Standby mode blanking time
VCC = 13 V; VIN = 5 V;
VFR_DIAG = 0 V; IOUT = 0 A
60
300
550
µs
IS(ON)
Supply current
VCC = 13 V; VFR_DIAG = 0 V;
VIN = 5 V; IOUT = 0 A
3
6.5
mA
IGND(ON)
Control stage current
consumption in ON state. All
channels active.
VCC = 13 V; VFR_DIAG = 5 V;
VIN = 5 V; IOUT = 6 A
9
mA
IL(off)
Off-state output current at
VCC = 13 V
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 25°C
0
0.01
0.5
µA
VIN = VOUT = 0 V; VCC = 13 V;
Tj = 125°C
0
3
VF
Output - VCC diode voltage
IOUT = -6 A; Tj = 150°C
0.7
V
Notes:
(1)PowerMOS leakage included.
(2)Parameter specified by design; not subject to production test.
Table 7: Switching
VCC = 13 V; -40°C < Tj < 150°C, unless otherwise specified
Symbol
Parameter
Test conditions Min. Typ. Max. Unit
td(on)(1)
Turn-on delay time at Tj = 25 °C
RL =
2.2 Ω
10
65
120
µs
td(off)(1)
Turn-off delay time at Tj = 25 °C
10
55
100
(dVOUT/dt)on(1) Turn-on voltage slope at Tj = 25 °C
RL =
2.2 Ω
0.1
0.36
0.8
V/µs
(dVOUT/dt)off(1) Turn-off voltage slope at Tj = 25 °C
0.1
0.47
0.8
WON
Switching energy losses at turn-on (twon)
RL =
2.2 Ω
—
0.6
1.7(2)
mJ
WOFF
Switching energy losses at turn-off (twoff)
RL =
2.2 Ω
—
0.6
1.7(2)
mJ
tSKEW(1)
Differential Pulse skew
(tPHL - tPLH)
RL =
2.2 Ω
-65
-15
35
µs
Notes:
(1)See Figure 4: "Switching times and Pulse skew".
(2)Parameter guaranteed by design and characterization; not subject to production test.
DocID027958 Rev 1
9/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com