Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN7016AJ Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN7016AJ
Description  High-side driver with MultiSense analog feedback
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7016AJ Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN7016AJ Datasheet HTML 9Page - STMicroelectronics VN7016AJ Datasheet HTML 10Page - STMicroelectronics VN7016AJ Datasheet HTML 11Page - STMicroelectronics VN7016AJ Datasheet HTML 12Page - STMicroelectronics VN7016AJ Datasheet HTML 13Page - STMicroelectronics VN7016AJ Datasheet HTML 14Page - STMicroelectronics VN7016AJ Datasheet HTML 15Page - STMicroelectronics VN7016AJ Datasheet HTML 16Page - STMicroelectronics VN7016AJ Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
VN7016AJ
Electrical specification
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tD_VOL
OFF-state diagnostic
delay time from rising
edge of VOUT
VIN = 0 V; VSEn = 5 V;
VSEL0 = 0 V; VSEL1 = 0 V;
VOUT = 0 V to 4 V
5
30
µs
Chip temperature analog feedback
VSENSE_TC
MultiSense output
voltage proportional to
chip temperature
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V; VIN = 0 V;
RSENSE = 1
kΩ; Tj = -40°C
2.325
2.41
2.495
V
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V; VIN = 0 V;
RSENSE = 1
kΩ; Tj = 25°C
1.985
2.07
2.155
V
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V; VIN = 0 V;
RSENSE = 1
kΩ; Tj = 125°C
1.435
1.52
1.605
V
dVSENSE_TC/dT Temperature coefficient
Tj = -40°C to 150°C
-5.5
mV/
K
Transfer function
VSENSE_TC (T) = VSENSE_TC (T0) + dVSENSE_TC / dT * (T - T0)
VCC supply voltage analog feedback
VSENSE_VCC
MultiSense output
voltage proportional to
VCC supply voltage
VCC = 13 V; VSEn = 5 V;
VSEL0 = 5 V; VSEL1 = 5 V; VIN =
0 V; RSENSE = 1
kΩ
3.16
3.23
3.3
V
Transfer function (3)
VSENSE_VCC = VCC / 4
Fault diagnostic feedback (see Table 10: "Truth table")
VSENSEH
MultiSense output
voltage in fault condition
VCC = 13 V; VIN = 0 V;
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 0 V; IOUT = 0 A;
VOUT = 4 V; RSENSE = 1
kΩ;
5
6.6
V
ISENSEH
MultiSense output current
in fault condition
VCC = 13 V; VSENSE = 5 V
7
20
30
mA
MultiSense timings (current sense mode - see Figure 7: "MultiSense timings (current sense
mode)")(4)
tDSENSE1H
Current sense settling
time from rising edge of
SEn
VIN = 5 V; VSEn = 0 V to 5 V;
RSENSE = 1
kΩ; RL = 2.6 Ω
60
µs
tDSENSE1L
Current sense disable
delay time from falling
edge of SEn
VIN = 5 V; VSEn = 5 V to 0 V;
RSENSE = 1
kΩ; RL = 2.6 Ω
5
20
µs
tDSENSE2H
Current sense settling
time from rising edge of
INPUT
VIN = 0 V to 5 V; VSEn = 5 V;
RSENSE = 1
kΩ; RL = 2.6 Ω
100
250
µs
ΔtDSENSE2H
Current sense settling
time from rising edge of
IOUT (dynamic response
to a step change of IOUT)
VIN = 5 V; VSEn = 5 V;
RSENSE = 1
kΩ; ISENSE = 90 %
of ISENSEMAX; RL = 2.6
Ω
100
µs
tDSENSE2L
Current sense turn-off
delay time from falling
edge of INPUT
VIN = 5 V to 0 V; VSEn = 5 V;
RSENSE = 1
kΩ; RL = 2.6 Ω
50
250
µs
DocID027399 Rev 1
13/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com