Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54F Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F
Description  Up/Down Binary Counter with Separate Up/Down Clocks
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F Datasheet HTML 1Page - National Semiconductor (TI) 54F Datasheet HTML 2Page - National Semiconductor (TI) 54F Datasheet HTML 3Page - National Semiconductor (TI) 54F Datasheet HTML 4Page - National Semiconductor (TI) 54F Datasheet HTML 5Page - National Semiconductor (TI) 54F Datasheet HTML 6Page - National Semiconductor (TI) 54F Datasheet HTML 7Page - National Semiconductor (TI) 54F Datasheet HTML 8Page - National Semiconductor (TI) 54F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW Output IOH IOL
CPU
Count Up Clock Input (Active Rising Edge)
1030
20 mA b18 mA
CPD
Count Down Clock Input (Active Rising Edge)
1030
20 mA b18 mA
MR
Asynchronous Master Reset Input (Active HIGH)
1010
20 mA b06 mA
PL
Asynchronous Parallel Load Input (Active LOW)
1010
20 mA b06 mA
P0–P3
Parallel Data Inputs
1010
20 mA b06 mA
Q0–Q3
Flip-Flop Outputs
50333
b
1 mA20 mA
TCD
Terminal Count Down (Borrow) Output (Active LOW)
50333
b
1 mA20 mA
TCU
Terminal Count Up (Carry) Output (Active LOW)
50333
b
1 mA20 mA
Functional Description
The ’F193 is a 4-bit binary synchronous updown (revers-
ible) counter It contains four edge-triggered flip-flops with
internal gating and steering logic to provide master reset
individual preset count up and count down operations
A LOW-to-HIGH transition on the CP input to each flip-flop
causes the output to change state Synchronous switching
as opposed to ripple counting is achieved by driving the
steering gates of all stages from a common Count Up line
and a common Count Down line thereby causing all state
changes to be initiated simultaneously A LOW-to-HIGH
transition on the Count Up input will advance the count by
one a similar transition on the Count Down input will de-
crease the count by one While counting with one clock in-
put the other should be held HIGH as indicated in the
Function Table
The Terminal Count Up (TCU) and Terminal Count Down
(TCD) outputs are normally HIGH When the circuit has
reached the maximum count state 15 the next HIGH-to-
LOW transition of the Count Up Clock will cause TCU to go
LOW TCU will stay LOW until CPU goes HIGH again thus
effectively repeating the Count Up Clock but delayed by
two gate delays Similarly the TCD output will go LOW when
the circuit is in the zero state and the Count Down Clock
goes LOW Since the TC outputs repeat the clock wave-
forms they can be used as the clock input signals to the
next higher order circuit in a multistage counter
TCU e Q0  Q1  Q2  Q3  CPU
TCD e Q0  Q1  Q2  Q3  CPD
The ’F193 has an asynchronous parallel load capability per-
mitting the counter to be preset When the Parallel Load
(PL) and the Master Reset (MR) inputs are LOW informa-
tion present on the Parallel Data input (P0–P3) is loaded
into the counter and appears on the outputs regardless of
the conditions of the clock inputs A HIGH signal on the
Master Reset input will disable the preset gates override
both clock inputs and latch each Q output in the LOW state
If one of the clock inputs is LOW during and after a reset or
load operation the next LOW-to-HIGH transition of that
clock will be interpreted as a legitimate signal and will be
counted
Function Table
MR
PL
CPU
CPD
Mode
H
X
X
X
Reset (Asyn)
L
L
X
X
Preset (Asyn)
L
H
H
H
No Change
LH
L
H
Count Up
LH
H
L
Count Down
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
L e LOW-to-HIGH Clock Transition
State Diagram
TLF9497 – 5
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com