Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF080901 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTF080901
Description  LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080901 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTF080901 Datasheet HTML 2Page - Infineon Technologies AG PTF080901 Datasheet HTML 3Page - Infineon Technologies AG PTF080901 Datasheet HTML 4Page - Infineon Technologies AG PTF080901 Datasheet HTML 5Page - Infineon Technologies AG PTF080901 Datasheet HTML 6Page - Infineon Technologies AG PTF080901 Datasheet HTML 7Page - Infineon Technologies AG PTF080901 Datasheet HTML 8Page - Infineon Technologies AG PTF080901 Datasheet HTML 9Page - Infineon Technologies AG PTF080901 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
7
2004-04-05
PTF080901
Reference Circuit1 (not to scale)
Component
Description
Manufacturer
P/N or Comment
C1, C9, C11, C18,
Capacitor, 10 µF, 35 V
Digi-Key
Tantalum TE Series SMD
C20
PCS6106TR-ND
C2, C10, C19
Capacitor, 0.1 µF, 50 V
Digi-Key
P4525-ND
C3, C4, C7, C15,
Capacitor, 33 pF
ATC
100B 330
C16
C5
Capacitor, 4.3 pF
ATC
100B 4R3
C6
Capacitor, 6.2 pF
ATC
100B 6R2
C8, C17
Capacitor, 1 µ, 50 V
Digi-Key
19528-ND
C12
Capacitor, 2.2 pF
ATC
100B 2R2
C13
Capacitor, 1.4 pF
ATC
100B 1R4
C14
Capacitor, 0.5 pF
ATC
100B 0R5
C21, C22, C23
Capacitor, 0.001 µF, 50 V, 0603
Digi-Key
PCC1772CT-ND
L1, L2
Ferrite, 6 mm
Philips
53/3/4.6-452
Q1
Transistor
Infineon
BCP56
QQ1
Voltage Regulator
National Semiconductor
LM7805
R1
Resistor, 10 ohms, 1/4 W, 1206
Digi-Key
P10ECT-ND
R2
Resistor, 5.1 k-ohms, 1/4 W, 1206
Digi-Key
P5.1KECT-ND
R3
Resistor, 1.2 k-ohms, 1/10 W, 0603
Digi-Key
P1.2KGCT-ND
R4
Resistor, 1.3 k-ohms, 1/10 W, 0603
Digi-Key
P1.3KGCT-ND
R5
Resistor, Variable, 10 k-ohms, 1/4 W
Digi-Key
3224W-103ETR-ND
R6
Resistor, 22 k-ohms, 1/10 W, 0603
Digi-Key
P22KGCT-ND
R7
Resistor, 3.3 k-ohms, 1/4 W, 1206
Digi-Key
P3.3KECT-ND
1Gerber files for this circuit are available on request.
Test Circuit (cont.)
R1 R2
080901_assy
C4
C5
C1
C2
C15
C14
C19
L2
C16
C17
C6
C13
C18
C20
C8
C7
C12
C9
L1
C10
C11
RF_OUT
RF_IN
VGS
VDD
VDD
C23 C21
LM
R3
R4
R7 R5
R6
C2
C3
QQ1
C22
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com