Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE727C Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE727C
Description  600KHz, 16V, 2A Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE727C Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE727C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ACE727C
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
5
APPLICATIONS INFORMATION
Setting Output Voltages
The external resistor divider is used to set the output voltage (see Typical Application on page 1). The
feedback resistor R1 also sets the feedback loop bandwidth with the internal compensation capacitor.
Choose R1 to be around 100k
Ω for optimal transient response. R2 is then given by:
Selecting the Inductor
A 4.7μH to 22μH inductor with a DC current rating of at least 25% percent higher than the maximum load
current is recommended for most applications. For highest efficiency, the inductor DC resistance should
be less than 15mΩ. For most designs, the inductance value can be derived from the following equation.
Where ΔIL is the inductor ripple current. Choose inductor ripple current to be approximately 30% if the
maximum load current, 2A. The maximum inductor peak current is:
Under light load conditions below 100mA, larger inductance is recommended for improved efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com