Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6663CC Datasheet(PDF) 20 Page - STMicroelectronics

Part # VS6663CC
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VS6663CC Datasheet HTML 16Page - STMicroelectronics VS6663CC Datasheet HTML 17Page - STMicroelectronics VS6663CC Datasheet HTML 18Page - STMicroelectronics VS6663CC Datasheet HTML 19Page - STMicroelectronics VS6663CC Datasheet HTML 20Page - STMicroelectronics VS6663CC Datasheet HTML 21Page - STMicroelectronics VS6663CC Datasheet HTML 22Page - STMicroelectronics VS6663CC Datasheet HTML 23Page - STMicroelectronics VS6663CC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
Functional description
VS6663CC
20/63
Doc ID028526 Rev 1
3.2.4
Power-off
The power-off state is defined as either or both of the digital and analog supplies not
present.
3.2.5
Hardware standby
This is the lowest power consumption mode. CCI communications are not supported in this
mode. The PLL and the video blocks are powered down. This state is entered by pulling the
control pin XSHUTDOWN down (active low). All registers are returned to their default values
3.2.6
Software standby
Software standby mode preserves the contents of the CCI register map. CCI
communications are supported in this mode. The software standby mode is selected using a
serial interface command. If this state is entered from hardware standby the data pads
remain high impedance. If this state is entered from streaming then the data pads go high
impedance at the end of the current frame. The internal video timing is reset to the start of a
video frame in preparation for the enabling of active video. The values of the serial interface
registers like exposure and gain are preserved. The system clock must remain active when
communicating with the sensor.
This state is entered by releasing the device from hard reset by setting XSHUTDOWN high,
writing 0x00 to the mode control register (0x0100) or commanding a soft reset by writing
0x01 to the software reset register (0x0103).
Note:
After a soft reset or the transition of XSHUTDOWN to high, all registers are returned to their
default values.
3.2.7
Streaming
The VS6663CC streams live video. This mode is entered by writing 0x01 to the mode
control register (0x0100).
3.2.8
Dark calibration algorithm
VS6663CC runs an automatic dark calibration algorithm on the raw image data to control
the video offsets caused by dark current. This ensures that a high quality image is output
over a range of operating conditions. First frame dark level is correctly calibrated, for
subsequent frames the adjustment of the dark level is damped by a leaky integrator function
to avoid possible frame to frame flicker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com