Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6663CD Datasheet(PDF) 41 Page - STMicroelectronics

Part # VS6663CD
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 37Page - STMicroelectronics VS6663CD Datasheet HTML 38Page - STMicroelectronics VS6663CD Datasheet HTML 39Page - STMicroelectronics VS6663CD Datasheet HTML 40Page - STMicroelectronics VS6663CD Datasheet HTML 41Page - STMicroelectronics VS6663CD Datasheet HTML 42Page - STMicroelectronics VS6663CD Datasheet HTML 43Page - STMicroelectronics VS6663CD Datasheet HTML 44Page - STMicroelectronics VS6663CD Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Doc ID027033 Rev 2
41/64
VS6663CD
Video timing
47
6.1.3
Output crop
The x_output_size and y_output_size registers are not intended as the primary cropping
controls.
They are intended to define the position of the LE/FE codes in the CCP2 data frame so that
the sensor does not need to calculate this based on analog crop or binning settings. It
should be expected that the host will set the output sizes to exactly enclose the output
image data. If the host should not do this, the VS6663CD treats the output size as being
calculated from the top left hand corner of the output array. So in the case where output
sizes are smaller than the output data, the data shall be cropped from its right-hand and
lower limits. In the case where larger than the output data, the lines shall be padded out to
the defined output size with undefined data.
Figure 15. Output size within a CCP2 data frame
The number of pixels between the line start and the line end sync codes for:
RAW8 is a multiple of 4 pixels
RAW10 is a multiple of 4 pixels for CSI-2 and a multiple of 16 pixels for CCP2
The host must control the x_output_size to ensure that the above criteria is met.
CCP2 output active line length
Interframe padding
x_output_size
Output data
FE
FS
2 embedded data lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com