Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6663CDQ05I Datasheet(PDF) 1 Page - STMicroelectronics

Part # VS6663CDQ05I
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CDQ05I Datasheet(HTML) 1 Page - STMicroelectronics

  VS6663CDQ05I Datasheet HTML 1Page - STMicroelectronics VS6663CDQ05I Datasheet HTML 2Page - STMicroelectronics VS6663CDQ05I Datasheet HTML 3Page - STMicroelectronics VS6663CDQ05I Datasheet HTML 4Page - STMicroelectronics VS6663CDQ05I Datasheet HTML 5Page - STMicroelectronics VS6663CDQ05I Datasheet HTML 6Page - STMicroelectronics VS6663CDQ05I Datasheet HTML 7Page - STMicroelectronics VS6663CDQ05I Datasheet HTML 8Page - STMicroelectronics VS6663CDQ05I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
This is information on a product in full production.
September 2015
Doc ID027033 Rev 2
1/64
VS6663CD
1.3 megapixel camera module
Datasheet
- production data
Features
• 1280 x 960 1.3 Mpixel resolution sensor
• Compact size: 6.5 mm x 6.5 mm x 4.1 mm
• Short focus distance: 15 cm
• MIPI CSI-2(a) (D-PHY v1.0) and CCP2 Video
data interface
• Ultra low power standby mode (<15uW)
• Binning 2x2 mode
• Defect correction
• 4-channel lens shading correction
Description
The VS6663CD is a compact camera module
designed for imaging and machine vision
applications which require a short focus distance.
It is designed to be used for high quality still
camera function and also supports video modes.
The camera silicon device is capable of
generating raw Bayer 1.3 Mpixel images up to
30 fps. The VS6663CD supports the CCI control
and CCP2 and CSI-2 data interfaces.
The module design is optimized for both footprint
and height.
A separate hardware accelerator can be
incorporated in the phone system to run the
algorithms in hardware. The specification of these
devices are contained in a separate document.
a.
Copyright
2005 MIPI Alliance, Inc. Standard for
Camera Serial Interface 2 (CSI-2) version 1.01, limited
to 1 Gbps per lane
Table 1. Device summary
Order code
Package
Packing
VS6663CDQ05I/1
SMIA65
Tape and reel
www.st.com


Similar Part No. - VS6663CDQ05I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6663CAQ05I STMICROELECTRONICS-VS6663CAQ05I Datasheet
1Mb / 64P
1.3 megapixel camera module
03-Jul-2015
VS6663CAQ05I1 STMICROELECTRONICS-VS6663CAQ05I1 Datasheet
1Mb / 64P
1.3 megapixel camera module
03-Jul-2015
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
1.3 megapixel camera module
01-Jul-2015
VS6663CBQ05I STMICROELECTRONICS-VS6663CBQ05I Datasheet
950Kb / 64P
1.3 megapixel camera module
01-Jul-2015
VS6663CBQ05I1 STMICROELECTRONICS-VS6663CBQ05I1 Datasheet
950Kb / 64P
1.3 megapixel camera module
01-Jul-2015
More results

Similar Description - VS6663CDQ05I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
2 Megapixel SMIA Camera Module
21-Sep-2005
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
1.0 Megapixel SMIA Camera Module
Oct-2004
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
0.5 Megapixel Camera Module
Oct-2004
VS6624 STMICROELECTRONICS-VS6624 Datasheet
1,017Kb / 100P
1.3 Megapixel Mobile Camera Module
01-Feb-2006
VS6724 STMICROELECTRONICS-VS6724 Datasheet
1Mb / 118P
2 Megapixel single-chip camera module
03-Jul-2007
VL6624 STMICROELECTRONICS-VL6624 Datasheet
2Mb / 106P
1.3 Megapixel single-chip camera module
02-Jul-2007
VS6663 STMICROELECTRONICS-VS6663 Datasheet
1Mb / 64P
1.3 megapixel camera module
03-Jul-2015
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
1.3 megapixel camera module
01-Jul-2015
VS6663CC STMICROELECTRONICS-VS6663CC Datasheet
1Mb / 63P
1.3 megapixel camera module
19-Oct-2015
VX6953CB STMICROELECTRONICS-VX6953CB Datasheet
3Mb / 107P
5.1 megapixel EDOF camera module
05-Mar-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com