Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80C166 Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166 Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button SAB80C166 Datasheet HTML 44Page - Infineon Technologies AG SAB80C166 Datasheet HTML 45Page - Infineon Technologies AG SAB80C166 Datasheet HTML 46Page - Infineon Technologies AG SAB80C166 Datasheet HTML 47Page - Infineon Technologies AG SAB80C166 Datasheet HTML 48Page - Infineon Technologies AG SAB80C166 Datasheet HTML 49Page - Infineon Technologies AG SAB80C166 Datasheet HTML 50Page - Infineon Technologies AG SAB80C166 Datasheet HTML 51Page - Infineon Technologies AG SAB80C166 Datasheet HTML 52Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
47
AC Characteristics (cont’d)
CLKOUT and READY
V
CC = 5 V ± 10 %;
V
SS = 0 V
T
A = 0 to +70 ˚C
for SAB 83C166-5M, SAB 80C166-M
T
A = -40 to +85 ˚C
for SAB 83C166-5M-T3, SAB 80C166-M-T3
C
L (for Port 0, Port 1, Port 4, ALE, RD, WR, BHE, CLKOUT) = 100 pF
Notes
1) These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
2) Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values. This
adds even more time for deactivating READY.
Parameter
Symbol
Max. CPU Clock
= 20 MHz
Variable CPU Clock
1/2TCL = 1 to 20 MHz
Unit
min.
max.
min.
max.
CLKOUT cycle time
t29
CC 50
50
2TCL
2TCL
ns
CLKOUT high time
t30
CC 20
–
TCL – 5
–
ns
CLKOUT low time
t31
CC 15
–
TCL – 10
–
ns
CLKOUT rise time
t32
CC –
5
–5ns
CLKOUT fall time
t33
CC –
5
–5ns
CLKOUT rising edge to
ALE falling edge
t34
CC 0 + tA
10 + tA
0 + tA
10 + tA
ns
Synchronous READY
setup time to CLKOUT
t35
SR 10
–
10
–
ns
Synchronous READY
hold time after CLKOUT
t36
SR 10
–
10
–
ns
Asynchronous READY
low time
t37
SR 65
–
2TCL + 15
–
ns
Asynchronous READY
setup time 1)
t58
SR 20
–
20
–
ns
Asynchronous READY
hold time 1)
t59
SR 0
–
0–ns
Async. READY hold time
after RD, WR high
(Demultiplexed Bus) 2)
t60
SR 0
0
+ 2tA + tF
2)
0
TCL - 25
+ 2tA + tF
2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com