Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE2320M Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE2320M
Description  N-Channel 20-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2320M Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE2320M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2320M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2320M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2320M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2320M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2320M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2320M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACE2320M
N-Channel 20-V MOSFET
VER 1.1
6
Packing Information
SOT-23-3
nit: mm
SYMBOLS
MILLIMETERS
MIN
NOM
MAX
A
0.80
0.95
1.10
A1
0.01
0.10
A2
0.85
0.90
0.925
b
0.30
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
2.60
2.80
3.00
E1
1.4
1.60
1.80
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.40
0.60
L1
0.60REF
L2
0.25BSC
R
0.10
Θ
0°
4°
8°
Θ1
7°NOM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com