Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMF-C144 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C144
Description  Side View SMT ChipLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C144 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C144 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C144 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Optical/Electrical Characteristics at TA = 25°C, If=20mA
Color
Luminous intensity(mcd)
Dominant
wavelength(nm)
Peak
wavelength(nm)
Viewing
angle(°)
Forward voltage(V)
Min
Typ
Typ
Typ
Typ
Min
Max
AlInGaP
Green
18
33
570
571
120
1.6
2.4
AlInGaP
Red
18
79
632
644
120
1.6
2.4
•
Forward voltage tolerance is ±0.1V.
Relative intensity vs Wavelength
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
Red
Green



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com