Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMF-C15A Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C15A
Description  Bi Color Surface Mount ChipLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C15A Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C15A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C15A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C15A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C15A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C15A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C15A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C15A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Device Selection Guide
Part Number
Color
Package description
HSMF-C150
AlInGaP Red / AlInGaP Green
Untinted, Diffused
HSMF-C15A
AlInGaP Red / AlInGaP Amber
Untinted, Diffused
Absolute Maximum Value at TA=25°C
Parameter
AlInGaP Red
AlInGaP Green
AlInGaP Amber
Unit
Forward current
25
20
25
mA
Power dissipation
60
48
60
mW
Operating temperature
-40 to 85
°C
Storage temperature
-40 to 85
°C
Optical Characteristics at TA=25°C, If=20mA
Color
Luminous intensity Iv(mcd)
Peak wavelength
λp(nm)
Dominant
wavelength
λd(nm)
Viewing angle
2θ1/2(°)
Min
Typ
Typ
Typ
Typ
AlInGaP Red
18.0
79.0
644
632
170
AlInGaP Green
18.0
45.0
570
572
170
AlInGaP Amber
28.50
55.0
595
592
170
•
Luminous intensity tolerance ±15%.
Electrical Characteristics at TA=25°C, If=20mA
Color
Forward voltage Vf(V)
Reverse voltage Vr(V)
at Ir=100µA
Thermal resistance
Rθjp(°C/W)
Typ
Max
Min
Typ
AlInGaP Red
2.0
2.4
5
325
AlInGaP Green
2.1
2.4
5
325
AlInGaP Amber
1.9
2.4
5
325
•
Forward voltage tolerance 0.1V.
•
Reverse voltage Indicates product final testing, long terms reverse bias is not recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com