Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP195 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP195
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices ADP195 Datasheet HTML 7Page - Analog Devices ADP195 Datasheet HTML 8Page - Analog Devices ADP195 Datasheet HTML 9Page - Analog Devices ADP195 Datasheet HTML 10Page - Analog Devices ADP195 Datasheet HTML 11Page - Analog Devices ADP195 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADP195
Rev. C | Page 9 of 12
THEORY OF OPERATION
GND
EN
VIN
VOUT
ADP195
LEVEL SHIFT
AND SLEW
RATE CONTROL
REVERSE
POLARITY
PROTECTION
Figure 21. Functional Block Diagram
The ADP195 is a high-side PMOS load switch. It is designed for
supply operation between 1.1 V to 3.6 V. The PMOS load switch
is designed for low on resistance, 65 mΩ at VIN = 1.8 V and
supports greater than 1 A of continuous current. It is a low
quiescent current device with a nominal 4 MΩ pull-down
resistor on its enable pin (EN).
The reverse current protection circuitry prevents current flow
backward through the ADP195 when the output voltage is greater
than the input voltage. A comparator senses the difference
between the input and output voltages. When the difference
between the input voltage and output voltage exceeds 75 mV,
the body of the pFET is switched to VOUT and is turned off or
opened; that is, the gate is connected to VOUT.
The packaging is a space-saving 1.0 mm × 1.0 mm, 4-ball WLCSP.
The ADP195 is also available in a 2 mm × 2 mm × 0.55 mm,
0.65 mm pitch LFCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com