Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS1002FL Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # FS1002FL
Description  1.0A Super Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

FS1002FL Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  FS1002FL Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd FS1002FL Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO  
1/2
R02,JUL-15
FS1000FL THRU FS1006FL
1.0A Super Fast Recovery Rectifier 
1. 封裝 Package  
封裝方式 Method: SOD‐123S 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
For surface mounted applications in order to optimize board space 
Ideal for automated placement 
Glass Passivated Chip Junction 
High temperature soldering : 260℃/10 seconds at terminals 
Lead‐free & halogen‐free parts, RoHS compliant  
3. 機械數據  Mechanical Data 
Case: Molded plastic over passivated junction 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Polarity: Color band denotes cathode end 
Weight: approx.. 0.0173 grams 
 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
 
PARAMETER 
Symbol 
FS1000FL 
FS1001FL 
FS1002FL 
FS1004FL 
FS1006FL 
UNITS
Marking Code 
‐ 
E1A 
E1B 
E1D 
E1G 
E1J ‐ 
Repetitive Peak Reverse Voltage 
VRRM 
50 
100 
200 
400 
600 
Volts 
RMS Voltage 
VRMS 
35 
70 
140 
280 
420 
Volts
DC Blocking Voltage 
VDC 
50 
100 
200 
400 
600 
Volts
Average Forward Current   TL=120
 OC 
IF(AV) 
1.0 
Amps
Peak Forward Surge Current: 8.3ms single half 
sine‐wave   TL=25
OC 
IFSM 
30 
Amps
Max. Instantaneous Forward Voltage at 1.0A 
VF 
0.95 
1.25 
1.7 
Volts 
DC Reverse Current at Rated   TJ=25
 O
C
 
DC Blocking Voltage        TJ=100
OC 
IR 
3 
10 
uA 
Reverse Recovery Time   IF=0.5A 
                       IR=1A 
                       IRR=0.25A 
Trr 
35 
ns 
Typical Thermal Resistance (NOTE1.2) 
RÈJA 
RÈJC 
200 
30 
℃/W
Operating Junction and Storage Temperature Range 
TJ,TSTG 
‐55 to +150 
℃ 
    
Notes: 
(1) Mounted on an FR4 PCB, single‐sided copper, mini pad. 
(2) Mounted on an FR4 PCB, single‐sided copper, with 10cm x 10cm copper pad area. 
 
 
 
單位 Unit: millimeters


Similar Part No. - FS1002FL

ManufacturerPart #DatasheetDescription
logo
Alpha Company Ltd.
FS10025 ALPHAC-FS10025 Datasheet
82Kb / 1P
Active Heat Sink
FS10025MU ALPHAC-FS10025MU Datasheet
82Kb / 1P
Active Heat Sink
More results

Similar Description - FS1002FL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
MUR140 DIODES-MUR140 Datasheet
64Kb / 2P
1.0A SUPER-FAST RECTIFIER
DS30112 Rev. B-2
SF11 DIODES-SF11 Datasheet
58Kb / 2P
1.0A SUPER-FAST RECOVERY RECTIFIER
DS24001 Rev. D1-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
TAITRON Components Inco...
TSF11 TAITRON-TSF11 Datasheet
130Kb / 4P
1.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
MUR140 DIODES-MUR140_15 Datasheet
91Kb / 3P
1.0A SUPER-FAST RECTIFIER
Rev erse
logo
YENYO TECHNOLOGY Co., L...
FS1AF YENYO-FS1AF Datasheet
281Kb / 3P
1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26A ZSELEC-BYV26A Datasheet
93Kb / 2P
1.0A SUPER FAST RECOVERY RECTIFIER
BYV26D ZSELEC-BYV26D Datasheet
84Kb / 2P
1.0A SUPER FAST RECOVERY RECTIFIER
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com