Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX61133TM Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX61133TM
Description  1U Dual Hot swapping SATA HDD Tray Rackmount classis for ATX Motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX61133TM Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX61133TM_16 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX61133TM_16 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
432
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
8
Recommended MB Selections
Optional Items
Power Supply Specifications
Dimensions
Items
Watt
Specifications
Input
Output
MTBF
PS270-1U
ATX 270W
(PFC)
AC 90~264V
(Auto)
+5V @ 18A
+12V 1 @ 16A
+12V 2 @ 10A
+3.3V @ 16A
-12V @ 0.8A
+5VSB @ 2.5A
100,000
hours
E296200100
AX96200 1-slot 32-bit PCI riser card
84306113300E
PCIe x16 riser card L: 3250 mm
50761133100E
LGA1156 1U passive CPU cooler
IMB206 with LGA1156 heatsink (manufacture option)
IMB207 with LGA1156 heatsink (manufacture option)
IMB208 with LGA1156 heatsink (manufacture option)
Ordering Information
AX61133TM/X270
With ATX270W Power supply, PCI version
AX61133TM/X270
With ATX270W Power supply, PCIe version
*Specifications and certifications are based on options and may vary.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com