Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF20C01C Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # SF20C01C
Description  Glass Passivated Super Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SF20C01C Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  SF20C01C Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SF20C01C Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
TO-220AB
SF20C01C THRU SF20C06C
Voltage Range 50 to 600 V
Current 20.0 Ampere
Glass Passivated Super Fast Recovery Rectifier
SF
20C01C
SYMBOL
PARAMTER
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
SF
20C02C
SF
20C03C
SF
20C04C
SF
20C05C
SF
20C06C
50
100
200
140
200
300
210
300
600
35
70
420
50
100
600
20.0
10.0
200
175
0.975
1.3
1.7
35
250
120
70
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 10.0 A
At Rated DC Blocking Voltage @TJ=150
oC
Maximum Reverse Recovery Time (Note 1)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic TO-220AB
High surge current capability
Weight: 2.07 grams
Polarity:Color band denotes cathode
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Temperature Range
Epoxy: UL 94V-0 rate flame retardant
1 / 2
R3, MAY-12
1
3
2
case
MAX.412(10.5)
.072(1.82)
.062(1.58)
.638(16.2)
.602(15.3)
.526(13.35)
.508(12.90)
.037(0.94)
.027(0.68)
DIA
.105(2.67)
.095(2.41)
.154(3.91)
.137(3.50)
PIN
1
2
.185(4.70)
.175(4.44)
.102(2.60)
.088(2.25)
.025(0.64)
.014(0.35)
.055(1.40)
.045(1.14)
.056(1.43)
.048(1.22)
.057(1.45)
.052(1.33)
2.0
oCW
Typical Thermal Resistance (Note 3)
R JC
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.


Similar Part No. - SF20C01C

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SF20C01C-G COMCHIP-SF20C01C-G Datasheet
47Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
SF20C01CF YENYO-SF20C01CF Datasheet
831Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
logo
Comchip Technology
SF20C01CF-G COMCHIP-SF20C01CF-G Datasheet
47Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
More results

Similar Description - SF20C01C

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
logo
Unisonic Technologies
SF26G UTC-SF26G Datasheet
156Kb / 4P
GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10A01F YENYO-SF10A01F Datasheet
837Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10C01C YENYO-SF10C01C Datasheet
678Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF16D01C YENYO-SF16D01C Datasheet
829Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF501G YENYO-SF501G Datasheet
1Mb / 2P
Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com