Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G97DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G97DBVT
Description  Configurable Multiple-Function Gate
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G97DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G97DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
3
1
6
In2
In1
In0
4
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G97
SCES416M – DECEMBER 2002 – REVISED JUNE 2015
SN74LVC1G97 Configurable Multiple-Function Gate
1 Features
3 Description
The SN74LVC1G97 device features configurable
1
•
Available in the Texas Instruments
multiple functions. The output state is determined by
NanoFree™ Package
eight patterns of 3-bit input. The user can choose the
•
Supports 5-V VCC Operation
logic
functions
MUX,
AND,
OR,
NAND,
NOR,
•
Inputs Accept Voltages to 5.5 V
inverter, and noninverter. All inputs can be connected
to VCC or GND.
•
Supports Down Translation to VCC
•
Max tpd of 6.3 ns at 3.3 V
This configurable multiple-function gate is designed
for 1.65-V to 5.5-V VCC operation.
•
Low Power Consumption, 10-µA Max ICC
This device functions as an independent gate, but
•
±24-mA Output Drive at 3.3 V
because of Schmitt action, it may have different input
•
Ioff Supports Live Insertion, Partial-Power-Down
threshold levels for positive-going (VT+) and negative-
Mode, and Back-Drive Protection
going (VT–) signals.
•
Latch-Up Performance Exceeds 100 mA Per
NanoFree package technology is a major break-
JESD 78, Class II
through in IC packaging concepts, using the die as
•
ESD Protection Exceeds JESD 22
the package.
–
2000-V Human Body Model (A114-A)
This device is fully specified for partial-power-down
–
200-V Machine Model (A115-A)
applications using Ioff. The Ioff circuitry disables the
–
1000-V Charged-Device Model (C101)
outputs,
preventing
damaging
current
backflow
through the device when it is powered down.
•
Choose From Nine Specific Logic Functions
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Barcode Scanners
SN74LVC1G97DBV
SOT-23 (6)
2.9 mm × 1.6 mm
•
Cable Solutions
SN74LVC1G97DCK
SC70 (6)
2.0 mm × 1.25 mm
•
E-Books
SN74LVC1G97DRL
1.6 mm × 1.2 mm
•
Embedded PCs
SN74LVC1G97DSF
SOT (6)
1.45 mm × 1.0 mm
•
Field Transmitter: Temperature or Pressure
SN74LVC1G97DRY
1.0 mm × 1.0 mm
Sensors
SN74LVC1G97YZP
DSBGA (6)
1.41 mm × 0.91 mm
•
Fingerprint Biometrics
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
HVAC: Heating, Ventilating, and Air Conditioning
•
Network-Attached Storage (NAS)
Logic Diagram (Positive Logic)
•
Server Motherboards and PSUs
•
Software Defined Radios (SDR)
•
TVs: High Definition (HDTV), LCD, and Digital
•
Video Communications Systems
•
Wireless Data Access Cards, Headsets,
Keyboard, Mouse, and LAN Cards
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G97DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G97DBVT TI-SN74LVC1G97DBVT Datasheet
516Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97DBVT TI-SN74LVC1G97DBVT Datasheet
755Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G97DBVT TI1-SN74LVC1G97DBVT Datasheet
2Mb / 34P
Configurable Multiple-Function Gate
SN74LVC1G97DBVT TI2-SN74LVC1G97DBVT Datasheet
1Mb / 40P
SN74LVC1G97 Configurable Multiple-Function Gate
REVISED JANUARY 2017
SN74LVC1G97DBVT.B TI2-SN74LVC1G97DBVT.B Datasheet
1Mb / 40P
SN74LVC1G97 Configurable Multiple-Function Gate
REVISED JANUARY 2017
More results

Similar Description - SN74LVC1G97DBVT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com