Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66C644PC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SLE66C644PC
Description  Security & Chip Card ICs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C644PC Datasheet(HTML) 7 Page - Infineon Technologies AG

  SLE66C644PC Datasheet HTML 1Page - Infineon Technologies AG SLE66C644PC Datasheet HTML 2Page - Infineon Technologies AG SLE66C644PC Datasheet HTML 3Page - Infineon Technologies AG SLE66C644PC Datasheet HTML 4Page - Infineon Technologies AG SLE66C644PC Datasheet HTML 5Page - Infineon Technologies AG SLE66C644PC Datasheet HTML 6Page - Infineon Technologies AG SLE66C644PC Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SLE 66C644P
Short Product Information
7 / 8
11.02
General Description
SLE 66C644P is a member of Infineon Technologies high-end security controller family in
advanced 0.22 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051-
instruction set extended by additional powerful instructions together with enhanced performance,
memory sizes and security features. The internal clock frequency can be adjusted up to 15 MHz
independent of the clock rate of the terminal with the help of the PLL.
The controller IC offers 206 Kbytes of User-ROM, 256 bytes internal RAM, 4096 bytes XRAM and
64 Kbytes EEPROM with Superslim. The Memory Management and Protection Unit allows a
secure separation of the operating system and the applications. Furthermore the MMU makes a
secure downloading of applications possible after the personalization of a card. These new
features meet the requirements of the next generation of multi application operating systems. For
code compatibility to the SLE 66CxxS family, a transparent mode for the MMU is available which
allows you to keep the memory mapping of the SLE 66CxxS products.
DDES
Accelerator
EEPROM
64 Kbyte
XRAM
4 Kbyte
ROM
208Kbyte
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
Interrupt
PLL
CRC
RNG
UART
two
16-bit Timer
Figure 2: Block Diagram SLE 66C644P
The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-Bit-
CRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode.
The UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC
7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the clock
division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O port can
be driven by communication routines realized in software.
The random number generator (RNG) is able to supply the CPU with true random numbers under
all conditions.
As an important measure, the chip provides a new and enhanced level of on-chip security features.
The DES accelerator supports symmetrical crypto algorithms according to the Data Encryption
Standard in the Electronic Code Book Mode.
In conclusion, the SLE 66C644P fulfills the requirements of today's chip card applications, as
GSM, UMTS , and offers a powerful platform for future multi application cards. The SLE 66C644P
integrates outstanding memory sizes, additional peripherals in combination with enhanced
performance and optimized power consumption on a minimized die size. Therefore, the SLE
66C644P offers the basis for a generation of new chip card applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com