Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX47041-R0B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX47041-R0B
Description  IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX47041-R0B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX47041-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX47041-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX47041-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX47041-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EX47000 Series
www.EtherWAN.com
1
rev. A1.1
Overview
EtherWAN’s EX47000 Series is a hardened unmanaged Fast Ethernet switching platform, designed for easy deployment in harsh
environments.
The EX47000 Series is equipped with 8 Fast Ethernet ports, with a combination of Fast Ethernet copper ports and 100FX ports for
long distance connectivity. Although unmanaged, the EX47000 is feature-rich with full wire speed Fast Ethernet throughput, making
the EX47000 Series a powerful network switch.
With its hardened-grade specifications and IEC61850 & IEEE1613 certifications,
the EX47000 Series is capable of operating under high EMI environments at the temperatures ranging from -40°C to 75°C,
making it an ideal choice for harsh applications.
EtherWAN – "When Connectivity is Crucial."
Spotlight
HardenedGrade
◦ Supports -40°C to 75°C (-40°F to 167°F) operating temperature
VersatilemountingOptions
◦ DIN-Rail or panel mounting
FiberConnectivity
◦ Up to two 100BASE-FX ports with SC, ST and WDM options
EX47000Series
IEC61850-3/IEEE1613HardenedUnmanaged8-port
10/100BASEEthernetSwitch
61850-3
IEC
NEMA
TS2


Similar Part No. - EX47041-R0B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX470 EXTECH-EX470 Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
EX470 EXTECH-EX470 Datasheet
349Kb / 1P
Extech 400 Series MultiMeters
EX470-NISTL EXTECH-EX470-NISTL Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
EX470 EXTECH-EX470_15 Datasheet
349Kb / 1P
Extech 400 Series MultiMeters
More results

Similar Description - EX47041-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EL1141 AXIOMTEK-EL1141 Datasheet
696Kb / 4P
IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX
EX43000 AXIOMTEK-EX43000 Datasheet
380Kb / 4P
Industrial Unmanaged 8-port 10/100BASE Ethernet Switch
EX45000 AXIOMTEK-EX45000 Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX87000 AXIOMTEK-EX87000 Datasheet
736Kb / 6P
IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX89000 AXIOMTEK-EX89000 Datasheet
732Kb / 6P
IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX95000 AXIOMTEK-EX95000 Datasheet
498Kb / 4P
Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com