Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX63311-R4B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX63311-R4B
Description  Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX63311-R4B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX63311-R4B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX63311-R4B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX63311-R4B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX63311-R4B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX63311-R4B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX63311-R4B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX63000 Series
www.EtherWAN.com
1
rev. A2
Overview
EtherWAN’s EX63000 Series provides an industrial Fully Managed 18-port switching platform combining high performance switching
backbone with robust and secure management features required for mission critical and harsh environments where sustained
connectivity is crucial.
The EX63000 Series is equipped with sixteen 10/100BASE Fast Ethernet ports, in combination with up to two Gigabit combo
ports with Fixed Fiber options. Mountable on a DIN-rail, the EX63000 Series is equipped with EtherWAN’s Alpha-Ring self-healing
technology, providing less than 15ms fault recovery time making it ideal for applications intolerant to interruption.
Users are able to access management features such as; port security, IGMP snooping, VLANs, GARP protocols, LACP, and via web
browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces.
EtherWAN - "When Connectivity is Crucial."
Spotlight
VersatileConnectivity
◦ Provides 16-port 10/100BASE-TX/FX/BX/SFP plus 2-port Gigabit-SX/LX/BX/SFP combo
HardenedGrade
◦ Wide operating temperature range from -10°C to 60°C (-14°F to 140°F) for extreme environments
◦ Fanless and ruggedized housing
SecureRemoteAccess
◦ IEEE802.1x,and RADIUS support
EX63000Series
IndustrialManaged16-port10/100BASEwith2-portGigabit
comboEthernetSwitch


Similar Part No. - EX63311-R4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX6 ETC-EX6 Datasheet
5Mb / 30P
ExaGrid Tiered Backup Storage
logo
Hirose Electric
EX60T-C71P HIROSE-EX60T-C71P Datasheet
310Kb / 10P
High-Speed Differential Signal Connectors
EX60T-C71PR HIROSE-EX60T-C71PR Datasheet
310Kb / 10P
High-Speed Differential Signal Connectors
EX60T-C71S HIROSE-EX60T-C71S Datasheet
310Kb / 10P
High-Speed Differential Signal Connectors
EX60T-C71SR HIROSE-EX60T-C71SR Datasheet
310Kb / 10P
High-Speed Differential Signal Connectors
More results

Similar Description - EX63311-R4B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7656C ADVANTECH-EKI-7656C Datasheet
552Kb / 1P
162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI_15 Datasheet
329Kb / 2P
162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
logo
Axiomtek Co., Ltd.
EX61000A AXIOMTEK-EX61000A Datasheet
741Kb / 6P
Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
logo
Advantech Co., Ltd.
EKI-7656C-AE ADVANTECH-EKI-7656C-AE Datasheet
329Kb / 2P
162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-9844GPF ORING-IGS-9844GPF Datasheet
2Mb / 6P
Industrial 16-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com