Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MMBTA42
Description  NPN Silicon Transistor for High Voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MMBTA42 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MMBTA42 Datasheet HTML 1Page - Infineon Technologies AG MMBTA42 Datasheet HTML 2Page - Infineon Technologies AG MMBTA42 Datasheet HTML 3Page - Infineon Technologies AG MMBTA42 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBTA42/MMBTA42
Feb-21-2003
1
NPN Silicon Transistor for High Voltages
 High breakdown voltage
 Low collector-emitter saturation voltage
 Complementary types: SMBTA92 (PNP)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
SMBTA42/MMBTA42 s1D
1=B
2=E
3=C
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
300
V
Collector-base voltage
VCBO
300
Emitter-base voltage
VEBO
6
DC collector current
IC
500
mA
Base current
IB
100
Total power dissipation
, TS = 74 °C
Ptot
360
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
210
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - MMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
NPN high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA42 STMICROELECTRONICS-MMBTA42 Datasheet
56Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA42 TRSYS-MMBTA42 Datasheet
137Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA42 ZOWIE-MMBTA42 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBTA42 FAIRCHILD-MMBTA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
More results

Similar Description - MMBTA42

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA42 SIEMENS-SMBTA42 Datasheet
137Kb / 4P
NPN Silicon Transistors for High Voltages
SMBTA92 SIEMENS-SMBTA92 Datasheet
136Kb / 4P
PNP Silicon Transistors for High Voltages
logo
Hi-Sincerity Mocroelect...
HMBT5551 HSMC-HMBT5551 Datasheet
31Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR(for general purpose applications requiring high Breakdown Voltages )
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4332 NEC-2SC4332 Datasheet
34Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC5337 RENESAS-2SC5337 Datasheet
104Kb / 7P
NPN Silicon RF Transistor for High-Frequency
logo
List of Unclassifed Man...
07HVP ETC2-07HVP Datasheet
200Kb / 1P
For High Voltages
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com