Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRCOOL12K Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCOOL12K
Description  Portable Air Conditioning Unit for IT Equipment in Server Rooms and Wiring Closets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOL12K Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCOOL12K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOL12K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOL12K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tripp Lite
1111 West 35th Street
Chicago, IL 60609 USA
Telephone: +(773) 869 1234
E-mail: saleshelp@tripplite.com
Model #: SRCOOL12K
Portable Air Conditioning Unit for IT Equipment in Server Rooms and Wiring Closets
Highlights
Compact, portable, self-contained design reduces maintenance—no water
collection tank or drain required
Rolls into place on built-in casters; does not require an external condenser,
refrigerant piping or hiring outside contractors
Cool a 500 square foot room with 12,000 BTU of cooling power
Offers both hot-spot and general room cooling with two exchangeable vent
styles
Filters and dehumidifies air to protect equipment
Auto-restart feature retains all system settings and returns unit back to its last
operational state after AC power is restored
Allows user to monitor temperatures, receive alerts, review logs and control
settings from any location (requires SRCOOLNET accessory available
mid-Q3)
Description
With 12,000BTU of cooling power, the 120V, 60 Hz SRCOOL12K is ideal for use in data centers, server and wiring closets, IT environments, home
and small business offices, conference rooms, warehouses, entertainment centers or other venues with heat-sensitive equipment, particularly in
areas that facility air conditioning can't reach. The SRCOOL12K not only adjusts ambient room temperatures, but can also dehumidify and filter the
air, providing better air quality for enhanced equipment performance with minimal noise and power consumption.
The SRCOOL12K has a built-in evaporator that expels the condensed water through the exhaust duct, so there is no need for a drain tube, drain pan
or water collection tank. Both a standard louvered vent (for general room cooling) and a directional ducted cooling vent (to direct cold air where most
needed) are provided. A directional exhaust duct safely removes hot air from the room. SRCOOL12K comes equipped with an auto-restart feature
that retains all system settings and returns the unit back to its last operational state after AC power is restored. A built-in timer enables the unit to be
programmed for unattended start-up and shutdown. Controls and displays are conveniently mounted on the top panel. With the optional added
accessory of the SRCOOLNET (available mid Q-3) this communication port allows users to monitor temperatures, receive alerts, review logs and
control settings from any location. Designed for quick and simple installation, the SRCOOL12K rolls into place on built-in casters and plugs into a
standard 5-15R outlet with no adapter required. An included window/drop ceiling kit provides multiple installation options.
The SRCOOL12K uses environmentally friendly R410a refrigerant, which complies with EPA standards for 2010 and beyond, and is accepted
worldwide. It contains zero, ozone depleting R22 refrigerant that has been banned by the EPA for new equipment manufactured after January 1,
2010.
Applications
Supplemental cooling for confined server rooms where the facility HVAC is inadequate or unavailable.
Package Includes
SRCOOL12K cooling unit
Louvered front vent
Directional front vent
Cold Air directional delivery tube
Hot exhaust air removal tube
Dropped ceiling or window heat ventilation kit
Warranty information
Instruction manual
Features
12,000 BTU of cooling power can cool a 500 square foot room


Similar Part No. - SRCOOL12K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOOL24K TRIPPLITE-SRCOOL24K Datasheet
168Kb / 3P
Portable AC Unit for Server Rooms - 24,000 BTU, 208/240V
SRCOOL2KWM TRIPPLITE-SRCOOL2KWM Datasheet
171Kb / 4P
SmartRack Wall-Mount Server Rack Cooling Unit - 2,000 BTU, 120V
SRCOOL3KTP TRIPPLITE-SRCOOL3KTP Datasheet
41Kb / 3P
Top-of-Rack Precision Cooling Air Conditioner: 3.5 kW (12 kBTU), 208/240V, 9U
SRCOOL3KTP25U TRIPPLITE-SRCOOL3KTP25U Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner
SRCOOL3KTP33U TRIPPLITE-SRCOOL3KTP33U Datasheet
41Kb / 3P
SmartRack 33U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner
More results

Similar Description - SRCOOL12K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8620Y MAXIM-MAX8620Y Datasheet
409Kb / 18P
PMIC for Microprocessors or DSPs in Portable Equipment
Rev 0; 1/05
logo
EPCOS
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
Air sensor for air conditioning
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
Evaporator sensor for air conditioning systems
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
Used in household appliances like air conditioning
logo
Tripp Lite. All Rights ...
SRXCOOL12K TRIPPLITE-SRXCOOL12K Datasheet
535Kb / 3P
SmartRack 12,000 BTU 230V Portable Air Conditioning Unit - Small Server Rooms and Network Closets
logo
Shenzhen Guan Hua Wei Y...
WSD45P10DN56 WIINSOK-WSD45P10DN56 Datasheet
1Mb / 5P
Portable equipment and battery
logo
Tripp Lite. All Rights ...
SRCOOL24K TRIPPLITE-SRCOOL24K Datasheet
168Kb / 3P
Portable AC Unit for Server Rooms - 24,000 BTU, 208/240V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com