Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD01060 Datasheet(PDF) 3 Page - Cree, Inc

Part # CSD01060
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD01060 Datasheet(HTML) 3 Page - Cree, Inc

  CSD01060_13 Datasheet HTML 1Page - Cree, Inc CSD01060_13 Datasheet HTML 2Page - Cree, Inc CSD01060_13 Datasheet HTML 3Page - Cree, Inc CSD01060_13 Datasheet HTML 4Page - Cree, Inc CSD01060_13 Datasheet HTML 5Page - Cree, Inc CSD01060_13 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CSD01060 Rev. P
Current Derating
0.00
3.00
6.00
9.00
12.00
15.00
25
50
75
100
125
150
175
200
Case Temperature
DC
70% Duty
50% Duty
30% Duty
10% Duty
T
C Case Temperature (°C)
* Frequency > 1KHz
Figure 3. Current Derating
Figure 4. Capacitance vs. Reverse Voltage
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
VR Reverse Voltage (V)
Typical Performance
25
50
75
100
125
150
175
200
14
12
10
8
6
4
2
0
10% Duty*
30% Duty*
50% Duty*
70% Duty*
DC
Figure 5. Transient Thermal Impedance
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Time (s)
V
R Reverse Voltage (V)
50
45
40
35
30
25
20
15
10
5
0
1
10
100
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com