Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD07N20 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPD07N20
Description  SIPMOS Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD07N20 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPD07N20 Datasheet HTML 1Page - Infineon Technologies AG SPD07N20 Datasheet HTML 2Page - Infineon Technologies AG SPD07N20 Datasheet HTML 3Page - Infineon Technologies AG SPD07N20 Datasheet HTML 4Page - Infineon Technologies AG SPD07N20 Datasheet HTML 5Page - Infineon Technologies AG SPD07N20 Datasheet HTML 6Page - Infineon Technologies AG SPD07N20 Datasheet HTML 7Page - Infineon Technologies AG SPD07N20 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPD 07N20
Data Sheet
3
05.99
Electrical Characteristics, at Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥2*ID*RDS(on)max , ID = 4.5 A
gfs
3
4.2
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
400
530
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
85
130
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
45
70
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 3 A,
RG = 50 Ω
td(on)
-
10
15
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 3 A,
RG = 50 Ω
tr
-
40
60
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 3 A,
RG = 50 Ω
td(off)
-
55
75
Fall time
VDD = 30 V, VGS = 10 V, ID = 3 A,
RG = 50 Ω
tf
-
30
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com