Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54F374 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F374
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F374 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F374 Datasheet HTML 1Page - National Semiconductor (TI) 54F374 Datasheet HTML 2Page - National Semiconductor (TI) 54F374 Datasheet HTML 3Page - National Semiconductor (TI) 54F374 Datasheet HTML 4Page - National Semiconductor (TI) 54F374 Datasheet HTML 5Page - National Semiconductor (TI) 54F374 Datasheet HTML 6Page - National Semiconductor (TI) 54F374 Datasheet HTML 7Page - National Semiconductor (TI) 54F374 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9524
May 1995
54F74F374
Octal D-Type Flip-Flop with TRI-STATE
Outputs
General Description
The ’F374 is a high-speed low-power octal D-type flip-flop
featuring separate D-type inputs for each flip-flop and
TRI-STATE outputs for bus-oriented applications A buff-
ered Clock (CP) and Output Enable (OE) are common to all
flip-flops
Features
Y
Edge-triggered D-type inputs
Y
Buffered positive edge-triggered clock
Y
TRI-STATE outputs for bus-oriented applications
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F374PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F374DM (QB)
J20A
20-Lead Ceramic Dual-In-Line
74F374SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F374SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
74F374MSA (Note 1)
MSA20
20-Lead Molded Shrink Small Outline EIAJ Type II
54F374FM (QB)
W20A
20-Lead Cerpack
54F374LM (QB)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX SJX and MSAX
Logic Symbols
Connection Diagrams
TLF9524 – 1
IEEEIEC
TLF9524 – 4
Pin Assignment for DIP
SOIC SSOP and Flatpak
TLF9524 – 2
Pin Assignment
for LCC
TLF9524 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 54F374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F373 NSC-54F373 Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F373FM NSC-54F373FM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F373LM NSC-54F373LM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54F377 TI1-54F377 Datasheet
392Kb / 10P
54F377 Octal D Flip-Flop with Clock Enable
More results

Similar Description - 54F374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com