Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F402PC Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F402PC
Description  Serial Data Polynomial Generator/Checker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F402PC Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button 74F402PC Datasheet HTML 4Page - National Semiconductor (TI) 74F402PC Datasheet HTML 5Page - National Semiconductor (TI) 74F402PC Datasheet HTML 6Page - National Semiconductor (TI) 74F402PC Datasheet HTML 7Page - National Semiconductor (TI) 74F402PC Datasheet HTML 8Page - National Semiconductor (TI) 74F402PC Datasheet HTML 9Page - National Semiconductor (TI) 74F402PC Datasheet HTML 10Page - National Semiconductor (TI) 74F402PC Datasheet HTML 11Page - National Semiconductor (TI) 74F402PC Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
402
P
C
Temperature Range Family
Special Variations
74FeCommercial
QB e Military grade device with
54FeMilitary
environmental and burn-in
processing
Device Type
Temperature Range
Package Code
CeCommercial (0 Cto a70 C)
P e Plastic DIP
MeMilitary (b55 Cto a125 C)
D e Ceramic DIP
F e Flatpak
L e
Leadless Chip Carrier (LCC)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12