Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD08P06P Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPD08P06P
Description  SIPMOS Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD08P06P Datasheet(HTML) 6 Page - Infineon Technologies AG

  SPD08P06P Datasheet HTML 1Page - Infineon Technologies AG SPD08P06P Datasheet HTML 2Page - Infineon Technologies AG SPD08P06P Datasheet HTML 3Page - Infineon Technologies AG SPD08P06P Datasheet HTML 4Page - Infineon Technologies AG SPD08P06P Datasheet HTML 5Page - Infineon Technologies AG SPD08P06P Datasheet HTML 6Page - Infineon Technologies AG SPD08P06P Datasheet HTML 7Page - Infineon Technologies AG SPD08P06P Datasheet HTML 8Page - Infineon Technologies AG SPD08P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1999-11-22
Page 6
SPD08P06P
SPU08P06P
Preliminary data
Typ. drain-source-on-resistance
RDS(on) = f (ID)
parameter:
VGS
0
-2
-4
-6
-8
-10
-12
-14
A
-18
ID
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
W
1.0
SPD08P06P
a
VGS [V] =
a
-4.0
b
b
-4.5
c
c
-5.0
d
d
-5.5
e
e
-6.0
f
f
-6.5
g
g
-7.0
h
h
-7.5
i
i
-8.0
j
j
-10.0
Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter:
tp = 80 µs
0
-2
-4
-6
-8
V
-11
VDS
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
A
-21
SPD08P06P
V
GS
[V]
a
a
-4.0
b
b
-4.5
c
c
-5.0
d
d
-5.5
e
e
-6.0
f
f
-6.5
g
g
-7.0
h
h
-7.5
i
i
-8.0
j
Ptot = 42.00W
j
-10.0
Typ. transfer characteristics
ID= f ( VGS )
VDS³ 2 x ID x RDS(on)max
parameter:
tp = 80 µs
0
-1
-2
-3
-4
-5
-6
-7
-8
V
-10
VGS
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-22
-24
A
-30
Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter:
gfs
0
-2
-4
-6
-8
-10 -12 -14 -16
A
-20
ID
0
1
2
3
4
S
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com