Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1670 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 45Page - Semtech Corporation GS1670 Datasheet HTML 46Page - Semtech Corporation GS1670 Datasheet HTML 47Page - Semtech Corporation GS1670 Datasheet HTML 48Page - Semtech Corporation GS1670 Datasheet HTML 49Page - Semtech Corporation GS1670 Datasheet HTML 50Page - Semtech Corporation GS1670 Datasheet HTML 51Page - Semtech Corporation GS1670 Datasheet HTML 52Page - Semtech Corporation GS1670 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
49 of 126
The data format is determined using the following criteria:
• If TRS ID words are detected but no SDTI header or TDM header is detected, then
the data format is SDI
• If TRS ID words are detected and the SDTI header is available then the format is
SDTI
• If TRS ID words are detected and the TDM data header is detected then the format is
TDM video
• No TRS words are detected, but the PLL is locked, then the data format is unknown
NOTE: Two data format sets are provided for HD video rates. This is because the Y and
Cr/Cb channels can be used separately to carry SDTI data streams of different data
formats. In SD video mode, only the Y data format register contains the data, and the C
register is set to Fh (undefined format).
4.14 EDH Detection
4.14.1 EDH Packet Detection
The GS1670 determines if EDH packets are present in the incoming video data and
asserts the EDH_DETECT status according to the SMPTE standard.
EDH_DETECT is set HIGH when EDH packets have been detected and remains HIGH
until EDH packets are no longer present. It is set LOW at the end of the vertical blanking
(falling edge of V) if an EDH packet has not been detected during vertical blanking.
EDH_DETECT can be programmed to be output on the multi-function output port pins.
The EDH_DETECT bit is also available in the host interface.
Table 4-12:Data Format Register Codes
YDATA_FORMAT[3:0] or
CDATA_FORMAT[3:0]
Data Format
Remarks
0h ~ 05h
SDTI
SMPTE 321M, SMPTE 322M,
SMPTE 326M
6h
SDI
−
7h
Reserved
−
8h
TDM
SMPTE 346M
9h
HD-SDTI
−
Ah ~ Eh
Reserved
−
Fh
Non-SMPTE data
format
Detected data format is not SMPTE.
SMPTE_BYPASS = LOW
or LOCKED =
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com