Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6080 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS6080
Description  Input signal trace equalization
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6080 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS6080 Datasheet HTML 9Page - Semtech Corporation GS6080 Datasheet HTML 10Page - Semtech Corporation GS6080 Datasheet HTML 11Page - Semtech Corporation GS6080 Datasheet HTML 12Page - Semtech Corporation GS6080 Datasheet HTML 13Page - Semtech Corporation GS6080 Datasheet HTML 14Page - Semtech Corporation GS6080 Datasheet HTML 15Page - Semtech Corporation GS6080 Datasheet HTML 16Page - Semtech Corporation GS6080 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
GS6080
Final Data Sheet
Rev.6
PDS-060045
September 2014
13 of 19
Proprietary & Confidential
www.semtech.com
This formula should be considered as a starting point, and actual swing values may vary
based on layout.
4.7 Output Return Loss Measurement
The GS6080 has a feature designed to facilitate reliable output return loss (ORL)
measurement while the device is still powered. The device can be put into a BALANCE
mode which prevents the outputs from toggling while the device is powered on,
allowing the ORL to be measured while the device is still powered.
When EQ_EN is LOW while SD_EN is HIGH, the device goes into BALANCE mode. This
mode is used during ORL measurement, disabling the AC signal path of the device
without powering it down. When in BALANCE mode, the device produces equal
pull-down currents in both differential shoulders of the serial data differential output,
effectively stopping the output at the output common mode voltage level. Semtech
recommends using BALANCE mode when measuring ORL with +2.5V termination
voltage.
Table 4-5: Typical RSET Values
Output Swing (mVpp)
RSET (Ω)
1040
576
800
750
500
1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com