Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6152 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS6152
Description  Multi-Rate 6G UHD-SDI
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6152 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS6152 Datasheet HTML 9Page - Semtech Corporation GS6152 Datasheet HTML 10Page - Semtech Corporation GS6152 Datasheet HTML 11Page - Semtech Corporation GS6152 Datasheet HTML 12Page - Semtech Corporation GS6152 Datasheet HTML 13Page - Semtech Corporation GS6152 Datasheet HTML 14Page - Semtech Corporation GS6152 Datasheet HTML 15Page - Semtech Corporation GS6152 Datasheet HTML 16Page - Semtech Corporation GS6152 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
GS6152
Final Data Sheet
Rev.2
PDS-060984
July 2015
13 of 80
Semtech
Proprietary & Confidential
www.semtech.com
PLL Loop Bandwidth
BWLOOP(5940Mb/s)
PLL_LOOP_BANDWIDTH
= 00001
—1.75
—
MHz
7
PLL_LOOP_BANDWIDTH
= 00010
—3.5
—
MHz
7
PLL_LOOP_BANDWIDTH
= 00100 (default)
—7.0
—
MHz
7
PLL_LOOP_BANDWIDTH
= 01000
—
14.0
—
MHz
7
PLL_LOOP_BANDWIDTH
= 10000
—
28.0
—
MHz
7
Note:
1. Edge detection method for LOS detection should be used for data rates below 20Mb/s
2. Refer to Table 4-4 for the exact register settings for each
ΔV
DDO output swing listed
3. PRBS23 pattern used for supported video rates
4. At HD, 3G, and 6G rates
5. Jitter measured using an oscilloscope according to SMPTE RP-184
6. Accumulated jitter measured peak to peak differential over 2000 hits
7. Test pattern used is clock pattern with 100% toggle rate
Table 2-3: AC Electrical Characteristics (Continued)
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com