Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCFP24 Datasheet(PDF) 5 Page - ASM GmbH

Part # PCFP24
Description  Flat Profile Housing with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP24 Datasheet(HTML) 5 Page - ASM GmbH

  PCFP24 Datasheet HTML 1Page - ASM GmbH PCFP24 Datasheet HTML 2Page - ASM GmbH PCFP24 Datasheet HTML 3Page - ASM GmbH PCFP24 Datasheet HTML 4Page - ASM GmbH PCFP24 Datasheet HTML 5Page - ASM GmbH PCFP24 Datasheet HTML 6Page - ASM GmbH PCFP24 Datasheet HTML 7Page - ASM GmbH PCFP24 Datasheet HTML 8Page - ASM GmbH PCFP24 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
90 [3.543]
11,5 [0.453]
100 [3.937]
Messlänge (z.B. )
75 [2.953]
59 [2.323]
71 [2.795]
10,2 [0.402]
265 [10.433]
Gesamtlänge A = Messlänge +165 [6.496] (z.B. )
Befestigungssatz PCFP24-BFS1
Anfangsposition
PCMAG5
Endposition
PCMAG5
26 [1.024]
39 [1.535]
± 12 [0.472]
12,8 [0.50]
90 [3.543]
Messlänge (z.B. 100 [3.937])
75 [2.953]
Gesamtlänge A = Messlänge + 165 [6.496] (z.B. 265 [10.433])
59 [2.323]
71 [2.795]
10,2 [0.402]
26 [1.024]
39 [1.535]
Befestigungssatz PCFP24-BFS1
Anfangsposition
PCMAG5
Endposition
PCMAG5
14,9 [0.587]
 12 [ 0.472]
12,8 [0.50]
POSICHRON®
PCFP24
Flat Profile Housing
Start position
PCMAG5
Mounting set PCFP24-BFS1
End position
PCMAG5
Total length A = measurement length + 165 [6.496] (e.g. 265 [10.433])
Measurement length
(e.g. 100 [3.937])
Start position
PCMAG5
Mounting set PCFP24-BFS1
End position
PCMAG5
Total length A = measurement length + 165 [6.496] (e.g. 265 [10.433])
Measurement length
(e.g. 100 [3.937])
Cableoutput
ConnectorM8
Cable: outer diameter 5.2 mm ±0.2 mm, wire: cross sectional area 0.25 mm²
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
DB-PCFP24-E-2013
www.asm-sensor.com
5/14
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com