Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRAS27 Datasheet(PDF) 2 Page - ASM GmbH

Part # PRAS27
Description  Magnetic Angle Sensor with Analog Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS27 Datasheet(HTML) 2 Page - ASM GmbH

  PRAS27 Datasheet HTML 1Page - ASM GmbH PRAS27 Datasheet HTML 2Page - ASM GmbH PRAS27 Datasheet HTML 3Page - ASM GmbH PRAS27 Datasheet HTML 4Page - ASM GmbH PRAS27 Datasheet HTML 5Page - ASM GmbH PRAS27 Datasheet HTML 6Page - ASM GmbH PRAS27 Datasheet HTML 7Page - ASM GmbH PRAS27 Datasheet HTML 8Page - ASM GmbH PRAS27 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRDS27
PRMAG ...
KAB-XM-M12/5F/G-M12/5M/G-CAN
ASM
CAT-PR/PT-E-11
11
www.asm-sensor.com
POSIROT®
PRDS27
MagneticAngleSensorwithCANopenOutput
Magnetic angle sensor 0 - 360°
● Measurement range 0 to 360°
● Protection class IP67
● CANopenoutput
● Materialplastic
● Non-contactwithexternalpositionmagnet
● Nowear
● Highshockresistance
Specifications
Output
CANopen-Bus (Encoder CiA 406 V 3.2 )
Measurement range
0 to 360°
Resolution
0.05° max.
Linearity
±1°
Rated distance sensor / magnet
Depending on the position magnet
Protection class
IP67
Material
Plastic
Connection
Cable 0.3 m, 5-pin socket M12
Shock
EN60068-2-27:1993, 100 g/11 ms, 100 shocks
Vibration
EN60068-2-6:1995, 20 g/10 Hz-2 kHz, 10 cycles
EMC, Temperature
Refer to output specification
Order Code PRDS27
Model
Output (see page 50/51)
CANOP
= CANopen
CANJ1939
= CAN SAE J1939
Connection
KAB0.3M-M12/CAN
= Cable (length 0.3 m) with socket M12, 5 pin
Orderexample:PRDS27-CANOP-KAB0,3M-M12/CAN
Order code connector cable (see accessories page 91 )
Order code position magnet (see accessories page 53/54)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com