Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC33020H Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC33020H
Description  2A Load Switch with Reverse Current Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC33020H Datasheet(HTML) 2 Page - Semtech Corporation

  SC33020H Datasheet HTML 1Page - Semtech Corporation SC33020H Datasheet HTML 2Page - Semtech Corporation SC33020H Datasheet HTML 3Page - Semtech Corporation SC33020H Datasheet HTML 4Page - Semtech Corporation SC33020H Datasheet HTML 5Page - Semtech Corporation SC33020H Datasheet HTML 6Page - Semtech Corporation SC33020H Datasheet HTML 7Page - Semtech Corporation SC33020H Datasheet HTML 8Page - Semtech Corporation SC33020H Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SC33020H
2
A1
A2
B1
B2
TOP VIEW
(BUMPS ON THE BOTTOM)
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC33020HCSTRT
CSP 0.9mm x 0.9mm 4-bump
SC33020HCSEVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 5,000 devices.
(2) Lead-free package only. Device is WEEE and RoHS compliant, and
halogen free.
CSP 0.9x0.9, 4 Bump
Marking for the 0.9 x 0.9 mm CSP 4 Lead Package :
O = Pin  ID
nn = Part No. Code (Example: H4) - Reference Part No.
TOP VIEW
(BUMPS ON THE BOTTOM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com