Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP07N60C3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPP07N60C3
Description  Cool MOS??Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP07N60C3 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPP07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 11Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 12Page - Infineon Technologies AG SPP07N60C3 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2004-04-07
Rev. 2.1
Page 9
SPP07N60C3, SPB07N60C3
SPI07N60C3, SPA07N60C3
17 Typ. drain source voltage slope
dv/dt
= f(RG), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=7.3A
0
20
40
60
80
Ω
120
RG
0
10
20
30
40
50
60
70
80
V/ns
100
dv/dt(on)
dv/dt(off)
18 Typ. switching losses
E = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=12Ω
0
1
2
3
4
5
6
A
8
ID
0
0.005
0.01
0.015
mWs
0.025
Eon*
Eoff
*) Eon includes SDP06S60
diode commutation losses.
19 Typ. switching losses
E = f(RG), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, ID=7.3A
0
20
40
60
80
100
Ω 130
RG
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
mWs
0.2
Eon*
Eoff
*) Eon includes SDP06S60
diode commutation losses.
20 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
1
2
3
4
5
6
A
8
Tj(START)=25°C
Tj(START)=125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com