Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3DAAM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3DAAM
Description  FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(ANODE COMMON)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3DAAM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3DAAM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3DAAM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3DAAM Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
〈SMALL-SIGNAL DIODE〉
RT3DAAM
FOR HIGH SPEED SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(ANODE COMMON)
ISAHAYA ELECTRONICS CORPORATION
PRELIMINARY
Notice:This is not a final specification
Some parametric are subject to change.
DESCRIPTION
RT3DAAM is a super mini package plastic seal type silicon epitaxial
type composite diode, built with two Anode common MC2836.
Due to the small pin capacitance, short switching time(reverse
recovery time),It is most suitable for high speed switching application
and limitter,clipper application.
FEATURE
●Small pin capacitance
●Quick switching time
●High voltage
●Quadruple diodes and super mini package for mounting
APPLICATION
For general high speed switching of audio machine,VTR.
OUTLINEDRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)(All Di COMMON)
Symbol
Parameter
Ratings
Unit
V
RM
Peak reverse voltage
85
V
V
R
DC reverse voltage
80
V
I
FSM
Surge current(1μs)
4
A
I
FM
Peak forward current
300
mA
I
O
Average rectification current
100
mA
P
T
Total allowance dissipation
200
mW
T
j
Junction temperature
+150
℃
Tstg
Storage temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)(All Di COMMON)
Parameter
Symbol
Test conditions
Limits
Uniit
Min
Typ
Max
Forward voltage
V
F1
I
F=10mA
-
0.77
0.9
V
V
F2
I
F=50mA
-
090
1.0
V
F3
I
F=100mA
-
0.95
1.2
Reverse current
I
R1
V
R=75V
-
-
0.1
μA
I
R2
V
R=80V
-
-
0.5
Pin capacitance
C
t
VR=0V,f=1MHz
-
2.8
4.0
pF
Reverse recovery time
trr
(Refer to test circuit)
-
-
4.0
ns
MARKING
DAA
●
①
②
③
⑥
⑤
④
Type Name
JEITA:SC-88
JEDEC:-
Equivalent circuit
MC2836
MC2836


Similar Part No. - RT3DAAM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3DKAM ISAHAYA-RT3DKAM Datasheet
458Kb / 5P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
RT3DKKM ISAHAYA-RT3DKKM Datasheet
333Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(CATHODE COMMON)
RT3DSSM ISAHAYA-RT3DSSM Datasheet
393Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
More results

Similar Description - RT3DAAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2841 ETC1-MC2841 Datasheet
147Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
MC2846 ISAHAYA-MC2846 Datasheet
93Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(COMMON ANODE)
MC2831 ISAHAYA-MC2831 Datasheet
137Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2852 ISAHAYA-MC2852 Datasheet
135Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(COMMON ANODE)
MC2841 ISAHAYA-MC2841_10 Datasheet
134Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2842 ISAHAYA-MC2842_10 Datasheet
145Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2844 ISAHAYA-MC2844_10 Datasheet
146Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2846 ISAHAYA-MC2846_10 Datasheet
105Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2854 ISAHAYA-MC2854_10 Datasheet
80Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
RT3DKKM ISAHAYA-RT3DKKM Datasheet
333Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(CATHODE COMMON)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com