Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2598 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2598
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2598 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2598 Datasheet HTML 5Page - Semtech Corporation SC2598 Datasheet HTML 6Page - Semtech Corporation SC2598 Datasheet HTML 7Page - Semtech Corporation SC2598 Datasheet HTML 8Page - Semtech Corporation SC2598 Datasheet HTML 9Page - Semtech Corporation SC2598 Datasheet HTML 10Page - Semtech Corporation SC2598 Datasheet HTML 11Page - Semtech Corporation SC2598 Datasheet HTML 12Page - Semtech Corporation SC2598 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SC2598
9
VTT Output
VTT starts to ramp up when EN and VDD meet their startup
thresholds. SC2598 regulates VTT to the voltage at VREF
and can support up to 3A for sourcing or sinking
capability.
To achieve tight regulation and fast dynamic response at
VTT, it is recommended to connect the VTTS sense signal
to VTT at the ceramic output capacitors.
VREF Output
VREF starts to ramp up when VDD meets the UVLO thresh-
old. SC2598 regulates VREF to one-half of VDDQ. To
reduce the component count and provide a good accu-
racy reference for VTT, SC2598 includes an internal resistor
divider network. SC2598 is capable of sinking or sourcing
up to 60mA at VREF. To reduce the component count
further, SC2598 does not require the user to have a local
ceramic capacitor at the VREF pin - but it is recommended
to layout with a capacitor place holder.
EN Input
The EN pin is used to enable and disable VTT only; it does
not control VREF. When EN is pulled low, the VTT output is
discharged internally to ground through an 8Ω FET.
Protection
SC2598 has thermal protection with auto-restart. When
the junction temperature is above the thermal shutdown
threshold (160OC), SC2598 disables VTT, while VREF
remains present. When the junction temperature drops
below the hysteretic window, typically at 140OC, SC2598
will be enabled again.
SC2598 has a built-in current limit feature to prevent
damage to the sink and source FETs. If VTT is shorted to
VDD or ground, SC2598 will sink or source current up to
the current limit threshold.
Input Capacitor
The primary purpose of input capacitance is to provide the
charge to the VTT output capacitor when there is a load
transient at VTT. In the typical application circuit, VDDQ
equals VIN, and VTT equals one-half of VDDQ. As a result,
theory tells us that the input capacitance can be chosen to
be half of the output capacitance.
Ceramic capacitors have a capacitance value that degrades
with temperature, DC and AC bias, and their chemistry.
Usually, ceramic capacitors need to be derated by 50%
when operated at their rated DC voltage. Therefore, it is
recommended to use capacitors with a voltage rating of
6.3V or higher for 3.3V or lower applications.
Stability and VTT Capacitor
Figure 1 shows the small signal model for the sourcing
current loop stability. The low frequency pole is formed
by C
OUT
and R
L
. Since this pole depends on those variables,
it is recommended to have a minimum of 10uF C
OUT
for
stable condition. SC2598 has an internal compensation
network to ensure the stability as the load changes. Figure
2 shows the bode plot with the crossover frequency at
around 0.8MHz and 36 degree phase margin. Another
parameter effecting to the loop stability is parasitic induc-
tance in PCB layout and output capacitor ESL. The gain
plot shows that a peaking rising after the crossing fre-
quency is due to ESL effect. Minimizing the ESL reduces
this peaking.
PCB Layout
The SC2598 requires minimal external components to
provide a VTT solution. Figure 3 shows the component
placement and layout for the application circuit on page
6. The SC2598 thermal pad is not electrically connected
internally and does not require to be connected to GND.
For optimal thermal performance, connect to the GND
plane using multiple vias.
Applications Information
R L
VIN
VR EF
VT T
gm *V GS
V GS
+
-
+
-
C OUT
C IN
Z C
Figure 1 — Small Signal Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com