Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4212BEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4212BEVB
Description  Very Low Input /Very Low Dropout 1 Amp Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212BEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC4212BEVB Datasheet HTML 1Page - Semtech Corporation SC4212BEVB Datasheet HTML 2Page - Semtech Corporation SC4212BEVB Datasheet HTML 3Page - Semtech Corporation SC4212BEVB Datasheet HTML 4Page - Semtech Corporation SC4212BEVB Datasheet HTML 5Page - Semtech Corporation SC4212BEVB Datasheet HTML 6Page - Semtech Corporation SC4212BEVB Datasheet HTML 7Page - Semtech Corporation SC4212BEVB Datasheet HTML 8Page - Semtech Corporation SC4212BEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC4212B
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to standard ANSI/ESDA/JEDEC JS-001-2012.
(2) Tested according to standard JESD-C101E.
(3) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN, VO to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.5
EN to GND (V). . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VIN + 0.3
FB to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VIN + 0.3
Power Dissipation. . . . . . . . . . . . . . . . . . . . . Internally Limited
ESD Protection Level HBM(1) (kV) . . . . . . . . . . . . . . . . . . .
4
ESD Protection Level CDM(2) (kV) . . . . . . . . . . . . . . . . . . .
1
Recommended Operating Conditions
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6 ≤ V
IN ≤ 6.0
Junction Temperature Range (°C). . . . . . . . . -40≤T
J ≤+125
Output Current Range . . . . . . . . . . . . . . . . . . . 50µA ≤ I
O ≤1A
Thermal Information
Unless noted otherwise T
J = 25° C for typical, -40° C < TJ < 125° C for min and max. VEN = VIN, VFB = VO, VIN = 1.6V to 6.0V, CIN=10µF, COUT=10µF.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VIN
V
IN operating range
(1)
1.6
6.0
V
Quiescent current
I
Q
V
IN = 3.3V, IO = 0A
325
680
µA
I
O = 1A
2
mA
V
EN =0V
12
50
µA
Feedback
Feedback voltage(2)
V
FB
I
O = 10mA to 1A
0.495
0.500
0.505
V
Feedback pin current
I
FB
V
FB = VOUT
80
200
nA
VO
Line regulation(2)
I
O = 10mA
0.01
0.2
%/V
Load regulation(2)
I
O = 10mA to 1A
0.21
1.0
%
Electrical Characteristics
Thermal Resistance, Junction to Ambient (3) (°C/W) . . 36.3
Thermal Resistance, Junction to Case (°C/W) . . . . . . . . 3.77
Storage Temperature (°C) . . . . . . . . . . . . . . . . . . . -65to+150
Peak IR Reflow Temperature (10s to 30s). . . . . . . . . . +260



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com