Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC21152 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC21152 Datasheet HTML 10Page - Semtech Corporation SC21152 Datasheet HTML 11Page - Semtech Corporation SC21152 Datasheet HTML 12Page - Semtech Corporation SC21152 Datasheet HTML 13Page - Semtech Corporation SC21152 Datasheet HTML 14Page - Semtech Corporation SC21152 Datasheet HTML 15Page - Semtech Corporation SC21152 Datasheet HTML 16Page - Semtech Corporation SC21152 Datasheet HTML 17Page - Semtech Corporation SC21152 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SC21152
14
25°C. Note that RDS
ON is a function of both VIN and
temperature.
The automatic discharge feature can optionally be dis-
abled from the device.
Over-current Protection
The SC21152 provides overload protection through pulse
by pulse current limiting. During the high-side on-time,
the high-side switches off if the inductor current exceeds
2.2A typically. The low-side turns on briefly, followed by
the next high-side on-time. Switching continues while
the output overload exists. When the overload is removed,
the SC21152 will resume normal operation. If the over-
load causes high junction temperature, the SC21152 will
go into Over-temperature protection.
Over-temperature Protection
The SC21152 will shut down if the junction temperature
exceeds typically 160 °C. The device will automatically
restart after the junction temperature has dropped typi-
cally 10 °C.
Component Selection
The SC21152 is optimized for use with components as
shown in the Detailed Applications Circuit on page 10.
Inductor: the inductor should be 0.47uH and capable of
supporting a minimum current of 1.2A.
Input capacitor: ceramic capacitor, minimum 4.7uF, X5R
or X7R or better dielectric.
Output capacitor: ceramic capacitor, minimum 10uF, X5R
or X7R or better dielectric.
Note when operating in Min Off mode, higher output
capacitance may needed to reduce output ripple when
VIN approaches VOUT.
The FB components provide output voltage sensing and
feedback compensation to regulate the output. The
output voltage is programmed using two resistor along
with a compensation capacitor.
Applications Information (continued)
Rtop
To FB pin
Rbot
VOUT
Ctop
To FB pin
The FB regulation setpoint is 800mV. The output voltage
can be calculated as shown.
The FB resistor values can be calculated as shown. It is
recommended to use 100kΩ for Rbot to minimize power
loss in the FB network.
The optimum value for Ctop is 22pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com