Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS51111 Datasheet(PDF) 13 Page - Semtech Corporation

Part # TS51111
Description  High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51111 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button TS51111 Datasheet HTML 9Page - Semtech Corporation TS51111 Datasheet HTML 10Page - Semtech Corporation TS51111 Datasheet HTML 11Page - Semtech Corporation TS51111 Datasheet HTML 12Page - Semtech Corporation TS51111 Datasheet HTML 13Page - Semtech Corporation TS51111 Datasheet HTML 14Page - Semtech Corporation TS51111 Datasheet HTML 15Page - Semtech Corporation TS51111 Datasheet HTML 16Page - Semtech Corporation TS51111 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TS51111
Final Datasheet
Rev 2.2
April 17, 2015
www.semtech.com
13 of 22
Semtech
Proprietary & Confidential
Functional Description (continued)
Charge Termination
To allow for accurate charge termination in a charging
application, the TS51111 load switch can be reconfigured
to operate as a voltage regulator. In this mode, the switch
source voltage will be regulated to the voltage set by the
VOUTSET<6:0> bits. The switch is put into this mode by
asserting the EN_TOP bit of the configuration register.
Available voltage settings and the corresponding codes are
shown. To support indirect charge applications, the EN_TOP
and IND_SET bits must both be set hi. The output voltage
will still be determined by the VOUTSET<6:0> bits. The
VOUT setpoints are 3.0V to 5.54V in 20mV steps. In addition,
VOUTSET<6:0>=0x64 will select a 5.0V setpoint.
AMUX
To reduce the number of connections required between the
microprocessor and the TS51111, all analog outputs from
the TS51111 are measured from the same analog pin and
selectable via the AMUX register. Signals on the AMUX pin
are buffered using an internal unity gain amplifier. When
unselected, the AMUX pin will be high impedance.
AMUX<2:0>
Analog Signal
000
----
001
PDC_DIV
010
IOSENSE
011
IBSENSE
100
TEMP
101
PACKP_DIV
110
USB_DIV
111
THERM_DIV
Thermistor Driver
An integrated thermistor driver allows system temperature
measurement. When enabled, the thermistor drive will drive
the VREF voltage onto the THERM pin. When disabled, the
THERM pin will be high impedance to allow external drive of
the same thermistor. In the automatic mode, the thermistor
driver is enabled whenever battery charging is enabled. This
is whenever EN_SW or EN_PRE are active. The voltage on the
THERM pin can be measured using the internal voltage divider
and will be visible on the AMUX pin.
TCTRL<1:0>
Thermistor Operation
00
Disable
01
Enable
10
Auto
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com