Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-076 Datasheet(PDF) 4 Page - Protek Devices

Part # KC-076
Description  HIGH POWERED TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

KC-076 Datasheet(HTML) 4 Page - Protek Devices

  KC-076 Datasheet HTML 1Page - Protek Devices KC-076 Datasheet HTML 2Page - Protek Devices KC-076 Datasheet HTML 3Page - Protek Devices KC-076 Datasheet HTML 4Page - Protek Devices KC-076 Datasheet HTML 5Page - Protek Devices KC-076 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05459.R4 12/15
Page 4
K SERIES
TYPICAL DEVICE CHARACTERISTICS
t 25°C to Peak
Time
Ramp-Down
ts Preheat
Tsmin
Tsmax
T
L
Tp
t
L
Ramp-Up
Tp
Critical Zone
T
L to Tp
Peak Pulse Power
10/1000µs
FIGURE 2
POWER DERATING CURVE
T
A - Ambient Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
FIGURE 1
SOLDER WAVEFORM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com