Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1920 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 17Page - Infineon Technologies AG TC1920 Datasheet HTML 18Page - Infineon Technologies AG TC1920 Datasheet HTML 19Page - Infineon Technologies AG TC1920 Datasheet HTML 20Page - Infineon Technologies AG TC1920 Datasheet HTML 21Page - Infineon Technologies AG TC1920 Datasheet HTML 22Page - Infineon Technologies AG TC1920 Datasheet HTML 23Page - Infineon Technologies AG TC1920 Datasheet HTML 24Page - Infineon Technologies AG TC1920 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
TC1920
Preliminary
Data Sheet
17
V 1.3, 2003-10
System Control Unit (SCU)
The System Control Unit of the TC1920 basically handles all system control tasks. All
these system functions are tightly coupled and therefore they are handled physically by
one unit, the SCU. The system tasks of the SCU are:
• Clock Generation and Control
• Reset control
• Power Management control and wake-up
• Watchdog timer
• Trace port control
• Device identification
• Standby SRAM control
• External interrupt capability (8 sources)
System timer (STM)
The System Timer is designed for global system timing applications requiring both high
precision and long range. It is used by the CPU for software operating system issues.
Features:
• Free-running 56-bit counter
• All 56 bits can be read synchronously
• Different 32-bit portions of the 56-bit counter can be read synchronously
• Driven by clock,
f STM (normally identical with the system clock).
• Counting begins at power-on reset
• Continuous operation is not affected by any reset condition except power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com