Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUT75 Datasheet(PDF) 2 Page - TDK Electronics

Part # CUT75
Description  Dual or Triple Output 75W Low Profi le Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CUT75 Datasheet(HTML) 2 Page - TDK Electronics

  CUT75 Datasheet HTML 1Page - TDK Electronics CUT75 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
130
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision P1.4: Feb 2015
CUT75 Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/cut75-series.htm
Outline Drawing
Suffix
Description
Blank
Open frame with JST connectors
/A
Cover with JST connectors
/B
Baseplate with JST connectors
/T
Open frame with screw connections
/TA
Cover with screw connections
/TB
Baseplate with screw connections
Preferred Model
Options
Model
CUT75-522
CUT75-522
CUT75-5FF
CUT75-5FF
Adjust
Max
Max
Load Reg
Line Reg
Ripple Noise
Voltage (V)
Range (V)
Current (A)
Power (W)
(mV)
(mV)
(mV)
V 1
5V
5.0 - 5.25
8
40
100
50
120
V2
+12V
Fixed
3
36
600
240
150
V3
-12V
Fixed
1
600
240
150
V1
5V
5.0 - 5.25
8
40
100
50
120
V2
24V
Fixed
1
24
750
300
150
(Leave common terminal unconnected)
V1
5V
5.0 - 5.25
8
40
100
50
120
V2
+15V
Fixed
2.5
37.5
750
300
150
V3
-15V
Fixed
1
750
300
150
V1
5V
5.0 - 5.25
8
40
100
50
120
V2
30V
Fixed
1
30
750
300
150
(Leave common terminal unconnected)
Model Selector
SC40-60
3x5” 40W to 60W 1 to 3 outputs
ZPT
2x4” 40W 1 to 3 outputs
NV175
3x5” 175W, 1 to 4 outputs
ZMS100
2x4” 100W single output
Similar Models
Note: CUT75 can be configured as a dual or triple output.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com