Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJMPD8 Datasheet(PDF) 3 Page - Zhaoxingwei Electronics ., Ltd

Part # CJMPD8
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

CJMPD8 Datasheet(HTML) 3 Page - Zhaoxingwei Electronics ., Ltd

  CJMPD8 Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd CJMPD8 Datasheet HTML 2Page - Zhaoxingwei Electronics ., Ltd CJMPD8 Datasheet HTML 3Page - Zhaoxingwei Electronics ., Ltd CJMPD8 Datasheet HTML 4Page - Zhaoxingwei Electronics ., Ltd CJMPD8 Datasheet HTML 5Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
1
2
3
4
5
Fig. 1 Typical Output Characteristics
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
2
4
6
8
10
V
= -1.5V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -4.5V
GS
V
= -8.0V
GS
V
= -1.0V
GS
V
= -1.2V
GS
0.5
1
1.5
2
0
2
4
6
8
10
Fig. 2 Typical Transfer Characteristics
-V
, GATE SOURCE VOLTAGE (V)
GS
V
= -5V
DS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
T = 125°C
A
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
1
2
3
4
5
6
7
8
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN CURRENT (A)
D
V
= -2.5V
GS
V
= -4.5V
GS
V
= -1.8V
GS
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
1
2
3
4
5
6
7
8
-I , DRAIN CURRENT (A)
Fig. 4 Typical Drain-Source On-Resistance
vs. Drain Current and Temperature
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
0.6
0.8
1.0
1.2
1.4
1.6
V
= -4.5V
I = -5A
GS
D
V
= -2.5V
I = -2A
GS
D
0.03
0.05
0.07
0.09
0.11
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
V
= -4.5V
I = -5A
GS
D
V
= -2.5V
I = -2A
GS
D
SMD Type
MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com