Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4241 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4241
Description  LED Driver with Adjustable Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4241 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4241 Datasheet HTML 5Page - Infineon Technologies AG TLE4241 Datasheet HTML 6Page - Infineon Technologies AG TLE4241 Datasheet HTML 7Page - Infineon Technologies AG TLE4241 Datasheet HTML 8Page - Infineon Technologies AG TLE4241 Datasheet HTML 9Page - Infineon Technologies AG TLE4241 Datasheet HTML 10Page - Infineon Technologies AG TLE4241 Datasheet HTML 11Page - Infineon Technologies AG TLE4241 Datasheet HTML 12Page - Infineon Technologies AG TLE4241 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLE 4241 GM
Data Sheet
9
Rev. 1.2, 2004-04-13
Turn off delay time
t
PWM,OFF
010
30
µs
20%/80%
I
Q, see
Figure 4
SET Input
SET high level
V
SET,H
2.0
–
–
V
–
SET low level
V
SET,L
––
0.5
V
–
SET input current
high level
I
SET,H
–
220
500
µA
V
SET = 5.0 V
SET input current
low level
I
SET,L
-10
–
10
µA
V
SET = 0.0 V
Delay time L -> H
t
SET,H
––
30
µs
20%/80%
I
Q, see
Figure 4
Delay time H -> L
t
SET,L
––
30
µs
20%/80%
I
Q, see
Figure 4
Status Output
Lower status switching
threshold
V
dr,L
0.15
–
–
V
(
V
I - VQ) decreasing
SET = L
0.15
–
–
V
(
V
I - VQ) decreasing
SET = H
Upper status switching
threshold
V
dr,H
––
0.7
V
(
V
I - VQ) increasing
SET = L
––
0.7
V
(
V
I - VQ) increasing
SET = H
Status low voltage
V
STL
––
0.4
V
(
V
I - VQ) < Vdr,L
I
ST = 1.0 mA
Leakage current
I
STLK
––
10
µA(V
I - VQ) > Vdr,H
V
ST = 5.0 V
Table 4
Electrical Characteristics (cont’d)
9V
≤ V
I ≤ 16 V; RREF = 10 kΩ; VPWM ≥ VPWM,H; -40 °C < Tj < 150 °C; all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com