Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4942-2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4942-2
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942-2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4942-2 Datasheet HTML 1Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4942-2 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLE4942-2, TLE4942-2C Supplement
TLE4942-2 - TLE4942-2C Data sheet supplement
February 2002
5
Example: The 14th row describes the behaviour shown in Fig. 1: The standstill pulse length
can be cut by the first detected speed pulse, therefore the minimum distance between the
rising edges will be 45µs. The distance between the first and second detected speed pulse is
determined by the initial signal phase and amplitude and a possible first PGA switching. As
the first pulse length also can theoretically be cut off by the following pulse, the minimum
distance could be 45µs. The rising edge between the first signal minimum and the first signal
maximum can cause the PGA switching into a lower gain range. As a result the digital noise
constant value can increase in relation to the signal amplitude. That typically leads to an
increased delay between the second and the third pulse, its maximum value is 260°. The
following minimum and maximum are necessary for peak detection. After offset correction,
the delay between the 5
th and the 6th pulse can have a maximum value 270°. As this marks
the transition from uncalibrated to calibrated mode, the following consecutive pulses (4, 5, 6
...) will be spaced 180° nominally.
Same example with numbers:
∆B = 10mT sin (ωt + ϕ). ϕ = 30°
Typical startup-behaviour at a sinusoidal input signal of 10mT amplitude, initial phase= 30°.
ϕ
1
43,6°
2
133,9°
3
333,2°
4
513,2°
5
693,2°
6
900°
7
1080°
8
1260°
9
1440°
10
...
∆
ϕ
90,3°
(PGA,
uncal)
199,3°
(PGA,
uncal)
180°
(uncal)
180°
(uncal)
206,8°
(Offset-
correction)
180°
(cal)
180°
(cal)
180°
(cal)
180°
(cal)
→ This corresponds to row 14 in the table, behaviour similar to Fig. 1
As a special (and rare) case instead of an offset correction after edge number 5, a further
(extra) PGA switching could occur before edge number 5. PGA switching inhibits an
immediate
offset update. It can happen if one of the signal peaks is exactly at a PGA
switching threshold (speed-ADC overflow). In this case the offset update (switching from
uncalibrated mode to calibrated mode) would be delayed by two to three further edges. The
referring phase shifts of the example would then be as follows:
ϕ
1
43,6°
2
133,9°
3
333,2°
4
513,2°
5
727,5°
6
907,5°
7
1087,5°
8
1260°
9
1440°
10
...
∆
ϕ
90,3°
(PGA,
uncal)
199,3°
(PGA,
uncal)
180°
(uncal)
214,3°
(extra PGA)
180°
(uncal)
180°
(uncal)
172,5°
(Offset-
correction)
180°
(cal)
180°
(cal)
→ This corresponds to row 13 of the table.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com