Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4942-2C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4942-2C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942-2C Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4942-2C Datasheet HTML 1Page - Infineon Technologies AG TLE4942-2C Datasheet HTML 2Page - Infineon Technologies AG TLE4942-2C Datasheet HTML 3Page - Infineon Technologies AG TLE4942-2C Datasheet HTML 4Page - Infineon Technologies AG TLE4942-2C Datasheet HTML 5Page - Infineon Technologies AG TLE4942-2C Datasheet HTML 6Page - Infineon Technologies AG TLE4942-2C Datasheet HTML 7Page - Infineon Technologies AG TLE4942-2C Datasheet HTML 8Page - Infineon Technologies AG TLE4942-2C Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLE4942-2, TLE4942-2C Supplement
TLE4942-2 - TLE4942-2C Data sheet supplement
February 2002
4
1
0
1
2
3
4
5
6
7
8
9
10
2
45µs...737
ms
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
180° (cal)
180° (cal)
180° (cal)
3
45µs...737
ms
45µs
...180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
180° (cal)
180° (cal)
4
45µs...737
ms
45µs
...180°
(uncal)
180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
180° (cal)
5
45µs...737
ms
45µs
...180°
(uncal)
180°
(uncal)
180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
6
45µs...737
ms
45µs
...180°
(uncal)
180°
(uncal)
180°
(uncal)
180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
7
45µs...737
ms
180°...300°
(PGA,
uncal)
180...220°
180°
(uncal)
180°
(uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
180° (cal)
180° (cal)
8
45µs...737
ms
180°...300°
(PGA,
uncal)
180°
(uncal)
180...220°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
180° (cal)
9
45µs...737
ms
180°...300°
(PGA,
uncal)
180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
10
45µs...737
ms
180°...300°
(PGA,
uncal)
180°
(uncal)
180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
11
45µs...737
ms
180°...300°
(PGA,
uncal)
180°
(uncal)
180°
(uncal)
180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
12 45µs...737
ms
45µs
...180°
(uncal)
180°...260°
(PGA,
uncal)
180...220°
180°
(uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
180° (cal)
180° (cal)
13
45µs...737
ms
45µs
...180°
(uncal)
180°...260°
(PGA,
uncal)
180°
(uncal)
180...220°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
180° (cal)
14
45µs...737
ms
45µs
...180°
(uncal)
180°...260°
(PGA,
uncal)
180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
15
45µs...737
ms
45µs
...180°
(uncal)
180°...260°
(PGA,
uncal)
180°
(uncal)
180°
(uncal)
180°
(uncal)
90...270°
150°..200°
(cal/uncal)
150°..200°
(cal/uncal)
180° (cal)
Table1: overview of the startup-behaviour.
In the first row the pulse number is given. Pulse number 0 is the last pulse before signal
startup, e.g. the standstill (stopped) pulse. The following rows show different possibilities for
the nominal delays between the pulses. Numbers are calculated for sinusoidal input signals.
Additionally the specified tolerances have to be taken into account (e.g. Jitter)
Rows 2..6:
behaviour at small input amplitudes (
∆B< approx. 3.5mT)
Rows 7..11: behaviour at initial phases of –90° .. 0°
Rows 12..15: behaviour at initial phases of 0°.. 90°
Remark: the additional PGA switching can only occur once per row. Therefore also the
additional phase shift marked "150°..200° (cal/uncal)" will only occur once per row. (see
example)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com