Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5950 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RHD5950
Description  RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5950 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RHD5950 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 7Page - Aeroflex Circuit Technology RHD5950 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD5950 Rev G
FEATURES
Single power supply operation 5.0V or Dual power supply for 3.3V I/O
Radiation performance
- Total dose:
> 100krad(Si); Dose rate = 50 - 300 rads(Si)/s
- ELDRS Immune
- SEL Immune
> 100 MeV-cm2/mg
- Neutron Displacement Damage
> 1014 neutrons/cm2
16-Channel Input Multiplexer
Successive Approximation A-to-D
Level Shifting Digital Output Drivers allow interfaces to 5.0 or 3.3 volt logic
Tri-State digital outputs
Power Down (Sleep) mode
Single or continuous conversion
20us conversion period (20 clocks @ 1MHz Clock rate)
Multiplexer address is latched on first clock rising edge of a cycle
Busy and End-of-Conversion status outputs
Full military temperature range
Designed for aerospace and high reliability space applications
Packaging – Hermetic Ceramic
- 48 leads, 0.700"Sq x 0.125"Ht quad flat pack
- Weight - 6 grams max
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
RadHard-by-Design
GENERAL DESCRIPTION
Aeroflex’s RHD5950 is a radiation hardened, single supply, 16-Channel Multiplexed Analog-to-Digital
converter in a 48-pin Ceramic Quad Flat Package. The RHD5950 design uses specific circuit topology and
layout methods to mitigate total ionizing dose effects and single event latchup. It is guaranteed operational
from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534 Class K, the RHD5950 is
ideal for demanding military and space applications.
ORGANIZATION AND APPLICATION
The RHD5950 takes 16 analog sensor signals and using 4 address inputs and an enable input, selects one of
the 16 analog inputs and performs a 14-bit successive approximation analog-to-digital conversion in a
nominal period of 20 clock cycles (20uS nominal). The 14-bit digital output has a tri-state control allowing
the connection of multiple RHD5950s. This provides the ability to interface many sensor voltage readings
to the digital processor data bus. The full-scale range is determined by reference input voltages. The input
impedance of the reference/span terminals is typically a constant 4K ohms.
Standard Products
January 14, 2016
www.aeroflex.com/RHDseries
RHD5950 16-Channel Multiplexed
14-Bit Analog-to-Digital Converter
Datasheet


Similar Part No. - RHD5950

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5958 AEROFLEX-RHD5958 Datasheet
470Kb / 8P
RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5958-201-1S AEROFLEX-RHD5958-201-1S Datasheet
470Kb / 8P
RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5958-7 AEROFLEX-RHD5958-7 Datasheet
470Kb / 8P
RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5958-901-1S AEROFLEX-RHD5958-901-1S Datasheet
470Kb / 8P
RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5958-S AEROFLEX-RHD5958-S Datasheet
470Kb / 8P
RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
More results

Similar Description - RHD5950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
16-Channel, 16-Bit Analog-to-Digital Converter
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Aeroflex Circuit Techno...
RHD5930 AEROFLEX-RHD5930 Datasheet
296Kb / 4P
RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5931 AEROFLEX-RHD5931 Datasheet
295Kb / 4P
RadHard-by-Design RHD5931 Digital-to-Analog Converter 11-Bit Buffered Output
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
RHD5958 AEROFLEX-RHD5958 Datasheet
470Kb / 8P
RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5922 AEROFLEX-RHD5922 Datasheet
122Kb / 6P
RadHard-by-Design RHD5922 Analog Multiplexer 16-Channel, Sample-and-Hold
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com