Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5980 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RHD5980
Description  RadHard-by-Design RHD5980 Octal Bus Transceiver Bidirectional Voltage Level Shifter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5980 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RHD5980 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5980 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCD5980 Rev A
FEATURES
Bidirectional Voltage translator with two separate supply rails.
Radiation performance
- Total dose:
>1Mrad(Si); Dose rate = 50 - 300 rads(Si)/s
- ELDRS Immune
- SEL Immune
>100 MeV-cm2/mg
- Neutron Displacement Damage
>1014 neutrons/cm2
Full military temperature range
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic SOIC
- 24-pin, .614"L x .299"W x .120"Ht
- Weight - 2.0 grams max
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
RadHard-by-Design
GENERAL DESCRIPTION
Aeroflex’s RHD5980 is a radiation hardened, Octal Level Shifter in a 24-pin SOIC package. The RHD5980
design uses specific circuit topology and layout methods to mitigate total ionizing dose effects and single
event latchup. These characteristics make the RHD5980 especially suited for the harsh environment
encountered in Deep Space missions. It is guaranteed operational from -55°C to +125°C. Available
screened in accordance with MIL-PRF-38534 Class K, the RHD5980 is ideal for demanding military and
space applications.
ORGANIZATION AND APPLICATION
The RHD5980 Octal Level Shifter is a radiation hard replacement for the industry standard Bidirectional
Voltage Translators. It is capable of level shifting from the A-to-B or B-to-A input ports for nominal logic
voltages on either port of 5.0 or 3.3 volts.
The RHD5980 can level shift from 5.0V to 3.3V or 3.3V to 5.0V, and also buffer from 5.0V to 5.0V or 3.3V
to 3.3V. Ports A and B can be inputs or outputs depending on the value of DIR_AB_H.
Control inputs are the standard tri-state enable (OE_L active low) and direction control DIR_AB_H where
a HIGH logic steers data from A-to-B and active LOW steers the data from B-to-A.
The control inputs are powered from VCCA and accept inputs at the A bus logic levels (either 3.3V or 5.0V).
All delay parameters are less than 30nS over full -55°C to +125°C military temperature range and logic
levels. All bus and control inputs have Schmitt trigger buffers to implement low-to-high transition at
approximately 60% of the corresponding logic supply and high-to-low transition at approximately 40%
providing considerable noise immunity for slow input signals
The devices will not latch with SEU events to above 100 MeV-cm2/mg. Total dose degradation is minimal
to above 1Mrad(Si). Displacement damage environments to neutron fluence equivalents in the mid 1014
neutrons per cm2 range are readily tolerated. There is no sensitivity to low-dose rate (ELDRS) effects. SEU
effects are application dependent.
Standard Products
April 29, 2014
www.aeroflex.com/RHDseries
RHD5980 Octal Bus Transceiver
Datasheet
Bidirectional Voltage Level Shifter


Similar Part No. - RHD5980

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-1S AEROFLEX-RHD5900-201-1S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-2S AEROFLEX-RHD5900-201-2S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-1S AEROFLEX-RHD5900-901-1S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-2S AEROFLEX-RHD5900-901-2S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
More results

Similar Description - RHD5980

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX245 FAIRCHILD-74LVX245 Datasheet
87Kb / 6P
Low Voltage Octal Bidirectional Transceiver
logo
List of Unclassifed Man...
AM2947 ETC1-AM2947 Datasheet
512Kb / 9P
Octal Three-State Bidirectional Bus Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
Low Voltage Octal Bidirectional Transceiver
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245_01 Datasheet
69Kb / 6P
Low Voltage Octal Bidirectional Transceiver
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
RadHard-by-Design RHD5964 Precision Voltage Reference
logo
ON Semiconductor
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
Low Voltage Octal Bidirectional Transceiver
Revised April 2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com